Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3603 Datasheet(PDF) 23 Page - Advanced Analogic Technologies

Part # AAT3603
Description  Total Power Solution for Portable Applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3603 Datasheet(HTML) 23 Page - Advanced Analogic Technologies

Back Button AAT3603 Datasheet HTML 19Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 20Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 21Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 22Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 23Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 24Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 25Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 26Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 27Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
AAT3603178
Total Power Solution for Portable Applications
PRODUCT DATASHEET
3603.2008.06.1.0
23
www .analogictech.com
AAT3603178
Total Power Solution for Portable Applications
PRODUCT DATASHEET
3603.2008.06.1.0
23
www .analogictech.com
Power On Reset
Power Input
Voltage
VCHGIN > VUVLO
Fault
Conditions Monitoring
OV, OT,
VTS
VTS
1 <
< V TS2
Preconditioning
Test
V
MIN
< V
BAT
Current Phase Test
VBAT < VBAT_REG
Voltage Phase Test
ICH > ICH_TERM
No
No
Yes
No
Preconditioning
(Trickle Charge)
Constant
Current Charge
Mode
Constant
Voltage Charge
Mode
Yes
Yes
Yes
Charge Completed
Charge Timer
Control
No
Recharge Test
VRCH
<
VBAT
Yes
No
Shut Down
Yes
Enable
Yes
No
Device Thermal
Loop Monitor
T
J > 115°C
Thermal Loop
Current
Reduction in ADP
Charging Mode
Thermal Loop
Current
Reduction in
C.C. Mode
No
Enable
Expired
Yes
Figure 4: System Operation Flow Chart for the Battery Charger.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com