Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3603 Datasheet(PDF) 10 Page - Advanced Analogic Technologies

Part # AAT3603
Description  Total Power Solution for Portable Applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3603 Datasheet(HTML) 10 Page - Advanced Analogic Technologies

Back Button AAT3603 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 13Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 14Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
AAT3603178
Total Power Solution for Portable Applications
PRODUCT DATASHEET
10
3603.2008.06.1.0
www .analogictech.com
AAT3603178
Total Power Solution for Portable Applications
PRODUCT DATASHEET
10
3603.2008.06.1.0
www .analogictech.com
Typical Characteristics—Charger
Preconditioning Threshold Voltage
vs. Temperature
Temperature (°C)
2.790
2.792
2.794
2.796
2.798
2.800
2.802
2.804
2.806
2.808
2.810
-50
-25
0
25
50
75
100
VCHGIN = 6.0V
VCHGIN = 5.5V
VCHGIN = 5.0V
VCHGIN = 4.5V
Preconditioning Charge Current vs. Temperature
(VBAT = 2.5V, RSET = 1.24k
Ω)
Temperature (°C)
80
85
90
95
100
105
110
115
-50
-25
0
25
50
75
100
VCHGIN = 6.0V
VCHGIN = 5.5V
VCHGIN = 5.0V
VCHGIN = 4.5V
Recharge Voltage Threshold vs. Temperature
(VRCH set to 4.0V)
Temperature (°C)
3.96
3.97
3.98
3.99
4.00
4.01
4.02
4.03
4.04
4.05
4.06
-50
-25
0
25
50
75
100
VCHGIN = 6.0V
VCHGIN = 5.5V
VCHGIN = 5.0V
VCHGIN = 4.5V
Output Charge Voltage Regulation vs. Temperature
(End of Charge Voltage)
Temperature (°C)
4.16
4.17
4.18
4.19
4.20
4.21
4.22
4.23
4.24
4.25
-50
-25
0
25
50
75
100
VCHGIN = 6.0V
VCHGIN = 5.5V
VCHGIN = 5.0V
VCHGIN = 4.5V
Charge Termination Threshold Current
vs. Temperature
Temperature (°C)
0
10
20
30
40
50
60
70
80
90
100
-50
-25
0
25
50
75
100
VCHGIN = 6.0V
VCHGIN = 5.5V
VCHGIN = 5.0V
VCHGIN = 4.5V
Charging Current vs. Battery Voltage
(RISET = 1.24k
Ω
Ω)
Battery Voltage (V)
0
100
200
300
400
500
600
700
800
900
2.5
2.9
3.3
3.7
4.1
4.5
VCHGIN = 6.0V
VCHGIN = 5.5V
VCHGIN = 5.0V
VCHGIN = 4.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com