Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3603 Datasheet(PDF) 21 Page - Advanced Analogic Technologies

Part # AAT3603
Description  Total Power Solution for Portable Applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3603 Datasheet(HTML) 21 Page - Advanced Analogic Technologies

Back Button AAT3603 Datasheet HTML 17Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 18Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 19Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 20Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 21Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 22Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 23Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 24Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 25Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
AAT3603178
Total Power Solution for Portable Applications
PRODUCT DATASHEET
3603.2008.06.1.0
21
www .analogictech.com
AAT3603178
Total Power Solution for Portable Applications
PRODUCT DATASHEET
3603.2008.06.1.0
21
www .analogictech.com
BAT
CHGIN
EN_KEY
UVLO
Micro
Processor
μP
ON_KEY
OUT1
EN_HOLD
Automatic
Tester or
Handsfree
Operation
EN_TEST
Enable
for BAT
Regulators
EN_BAT
Enable for
Battery Charger
Push-button
On Switch
Figure 1: Enable Function Detailed Schematic.
EN_KEY
EN_HOLD
OUTBuck
(Core)
RESET
65ms
300ms
debounce
delay
OUT1
(PowerDigital)
90% Regulation
EN_HOLD must be held high
before EN _KEY can be released .
Power Up Sequence
ON_KEY
90% Regulation
Power Down Sequence
Figure 2: Typical Power Up/Down Sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com