Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3603 Datasheet(PDF) 6 Page - Advanced Analogic Technologies

Part # AAT3603
Description  Total Power Solution for Portable Applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3603 Datasheet(HTML) 6 Page - Advanced Analogic Technologies

Back Button AAT3603 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 10Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
AAT3603178
Total Power Solution for Portable Applications
PRODUCT DATASHEET
6
3603.2008.06.1.0
www .analogictech.com
AAT3603178
Total Power Solution for Portable Applications
PRODUCT DATASHEET
6
3603.2008.06.1.0
www .analogictech.com
Electrical Characteristics1
VIN = 5V, VBAT = 3.6V, -40°C ≤ TA ≤ +85°C, unless noted otherwise. Typical values are TA = 25°C.
Symbol
Description
Conditions
Min
Typ
Max Units
Power Supply
VIN
CHGIN Input Voltage
4.5
6
V
IQ
Battery Standby Current
Buck, LDO1 + LDO2, no load
170
μA
ISHDN
Battery Shutdown Current
EN_TEST, EN_HOLD, EN2, EN3, EN4, EN5
= GND, EN_KEY floating
10.0
μA
UVLO
Under-Voltage Lockout for CHGIN
CHGIN rising
4.25
4.5
V
CHGIN falling
4.15
V
Battery Under-Voltage Lockout
BAT rising
2.6
V
BAT falling
2.35
V
IBAT
Leakage Current from BAT Pin
VBAT = 4V, VCHGIN = 0V
2
5
μA
Startup Timers
RESET
Reset Timer
Initiated when OUT1 = 90% of final value
35
ms
Charger Voltage Regulation
VBAT_REG
Output Charge Voltage Regulation
0°C ≤ TA ≤ +70°C
4.158
4.200
4.242
V
VMIN
Preconditioning Voltage Threshold
(No trickle charge option available)
2.6
2.8
3.0
V
VRCH
Battery Recharge Voltage Threshold
I2C Recharge Code = 00 (default)
4.00
V
I2C Recharge Code = 01
4.05
V
I2C Recharge Code = 10
4.10
V
I2C Recharge Code = 11
4.15
V
Charger Current Regulation
ICH_CC
Constant-Current Mode Charge Current
RISET = 1.24k (for 0.8A), I2C ISET code =
100, VBAT = 3.6V, VCHGIN = 5.0V
864
960
1056
mA
I2C ISET Code = 000, VBAT = 3.6V
85
100
115
KI_SET
Charge Current Set Factor: ICH_CC/IISET
Constant Current Mode, VBAT = 3.6V
800
mA
ICH_PRE
Preconditioning Charge Current
RISET = 1.24kΩ
12
%
ICH_CC
I2C ISET Code = 000
50
mA
ICH_TERM
Charge Termination Threshold Current
I2C Term Code = 00 (default)
5
%
ICH_CC
I2C Term Code = 01
10
I2C Term Code = 10
15
I2C Term Code = 11
20
Charging Devices
RDS(ON)
Charging Transistor ON Resistance
VIN = 5V
0.6
0.9
Ω
Logic Control / Protection
VEN_HOLD,
VEN_KEY,
VEN_TEST
Input High Threshold
1.4
V
Input Low Threshold
0.4
V
VADPP
Output Low Voltage
Pin Sinks 4mA
0.4
V
IADPP
Output Pin Current Sink Capability
8mA
VSTAT
Output High Voltage
VOUT1
V
ISTAT
Output Pin Current Source Capability
1.5
mA
VOVP
Over-Voltage Protection Threshold
4.3
V
1. Specification over the –40°C to +85°C operating temperature range is assured by design, characterization and correlation with statistical process controls.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com