Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3603 Datasheet(PDF) 29 Page - Advanced Analogic Technologies

Part # AAT3603
Description  Total Power Solution for Portable Applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3603 Datasheet(HTML) 29 Page - Advanced Analogic Technologies

Back Button AAT3603 Datasheet HTML 25Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 26Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 27Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 28Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 29Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 30Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 31Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 32Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 33Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
AAT3603178
Total Power Solution for Portable Applications
PRODUCT DATASHEET
3603.2008.06.1.0
29
www .analogictech.com
I2C Serial Interface
and Programmability
Serial Interface
Many of the features of the AAT3603 can be controlled via
the I2C serial interface. The I2C serial interface is a wide-
ly used interface where it requires a master to initiate all
the communications with the slave devices. The I2C pro-
tocol consists of 2 active wire SDA (serial data line) and
SCL (serial clock line). Both wires are open drain and
require an external pull up resistor to VCC (BAT may be
used as VCC). The SDA pin serves I/O function, and the
SCL pin controls and references the I2C bus. I2C protocol
is a bidirectional bus which allows both read and write
actions to take place, but the AAT3603 supports the write
protocol only. Since the protocol has a dedicated bit for
Read or Write access (R/W), when communicating with
AAT3603, this bit must be set to “0”.
The timing diagram in Figure 7 depicts the transmission
protocol.
START and STOP Conditions
START and STOP conditions are always generated by the
master. Prior to initiating a START condition, both the
SDA and SCL pin are idle mode (idle mode is when there
is no activity on the bus and SDA and SCL are pulled to
VCC via external resistor). As depicted in Figure 7, a
START condition is defined to be when the master pulls
the SDA line low and after a short period pulls the SCL
line low. A START condition acts as a signal to all IC’s
that something is about to be transmitted on the BUS.
A STOP condition, also shown in Figure 7, is when the
master releases the bus and SCL changes from low to
high followed by SDA low to high transition. The master
does not issue an ACKNOWLEGE and releases the SCL
and SDA pins.
ACK from slave
ACK from slave
ACK from slave
START
SCL
SDA
including R/W bit,
Chip Address = 0x98
STOP
ACK
W
ACK
ACK
1
1
0
0
1
0
0
0
Data
LSB
MSB
LSB
Chip
Address
MSB
LSB
Register
Address
MSB
Figure 7: I2C Timing Diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com