Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3603 Datasheet(PDF) 32 Page - Advanced Analogic Technologies

Part # AAT3603
Description  Total Power Solution for Portable Applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3603 Datasheet(HTML) 32 Page - Advanced Analogic Technologies

Back Button AAT3603 Datasheet HTML 27Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 28Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 29Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 30Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 31Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 32Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 33Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 34Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 35Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
AAT3603178
Total Power Solution for Portable Applications
PRODUCT DATASHEET
32
3603.2008.06.1.0
www .analogictech.com
LDO11
LDO10
LDO1 Output Voltage
0
0
3.00V (default)
0
1
2.90V
1
0
2.85V
1
1
2.80V
LDO21
LDO20
LDO2 Output Voltage
0
0
3.00V (default)
0
1
2.90V
1
0
2.85V
1
1
2.80V
LDO31
LDO30
LDO3 Output Voltage
0
0
3.00V (default)
0
1
2.90V
1
0
2.85V
1
1
2.80V
LDO41
LDO40
LDO4 Output Voltage
0
0
3.00V (default)
0
1
2.90V
1
0
2.85V
1
1
2.80V
LDO51
LDO50
LDO5 Output Voltage
0
0
3.00V (default)
0
1
2.90V
1
0
2.85V
1
1
2.80V
Table 7: LDO Bit Setting for
LDO Output Voltage Level.
Layout Guidance
Figure 10 is the schematic for the evaluation board. The
evaluation board has extra components for easy evalua-
tion; the actual BOM need for a system is shown in Table
9. When laying out the PC board, the following layout
guideline should be followed to ensure proper operation
of the AAT3603:
1. The exposed pad EP must be reliably soldered to
PGND/AGND and multilayer GND. The exposed ther-
mal pad should be connected to board ground plane
and pins 2 and 16. The ground plane should include
a large exposed copper pad under the package with
VIAs to all board layers for thermal dissipation.
2. The power traces, including GND traces, the LX
traces and the VIN trace should be kept short, direct
and wide to allow large current flow. The L1 connec-
tion to the LX pins should be as short as possible.
Use several via pads when routing between layers.
3. The input capacitors (C1 and C2) should be con-
nected as close as possible to CHGIN (Pin 28) and
PGND (Pin 2) to get good power filtering.
4. Keep the switching node LX away from the sensitive
OUTBUCK feedback node.
5. The feedback trace for the OUTBUCK pin should be
separate from any power trace and connected as
closely as possible to the load point. Sensing along a
high current load trace will degrade DC load regula-
tion.
6. The output capacitor C4 and L1 should be connected
as close as possible and there should not be any
signal lines under the inductor.
7. The resistance of the trace from the load return to
the PGND (Pin 2) should be kept to a minimum. This
will help to minimize any error in DC regulation due
to differences in the potential of the internal signal
ground and the power ground.
Quantity
Value
Designator
Footprint
Description
510μF
C1, C2, C3, C14, C15
0603
Capacitor, Ceramic, X5R, 6.3V, ±20%
222μF
C9
0805
Capacitor, Ceramic, 20%, 6.3V, X5R
4
4.7μF
C4, C5, C6, C7, C8
0603
Capacitor, Ceramic, 20%, 6.3V, X5R
3
0.1μF
C10, C11, C12
0402
Capacitor, Ceramic, 16V, 10%, X5R
1
0.01μF
C13
0402
Capacitor, Ceramic, 16V, 10%, X7R
1
3.3μH
L1
CDRH2D
Inductor, Sumida CDRH2D11NP-3R3NC
9
100K
R5, R8, R20, R21, R22, R23, R25, R26, R27
0402
Resistor, 5%
8
10K
R17, R19, R24, R29, R31, R32, R33, R37
0402
Resistor, 5%
1
1.24K
R18
0402
Resistor, 1%
Table 8: Minimum AAT3603 Bill of Materials.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com