Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR4 Datasheet(PDF) 4 Page - Lattice Semiconductor

Part # OR4
Description  ORCASeries 4 FPGAs
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR4 Datasheet(HTML) 4 Page - Lattice Semiconductor

  OR4 Datasheet HTML 1Page - Lattice Semiconductor OR4 Datasheet HTML 2Page - Lattice Semiconductor OR4 Datasheet HTML 3Page - Lattice Semiconductor OR4 Datasheet HTML 4Page - Lattice Semiconductor OR4 Datasheet HTML 5Page - Lattice Semiconductor OR4 Datasheet HTML 6Page - Lattice Semiconductor OR4 Datasheet HTML 7Page - Lattice Semiconductor OR4 Datasheet HTML 8Page - Lattice Semiconductor OR4 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 152 page
background image
4
4
Lattice Semiconductor
Data Sheet
May, 2006
ORCA Series 4 FPGAs
System Features
■
PCI local bus compliant.
■
Improved PowerPC
 
®
 
 
 
/PowerQUICC MPC860 and
PowerPC
II MPC8260 high-speed synchronous
microprocessor interface can be used for configura-
tion, readback, device control, and device status, as
well as for a general-purpose interface to the FPGA
logic, RAMs, and embedded standard cell blocks.
Glueless interface to synchronous PowerPC proces-
sors with user-configurable address space provided.
■
New embedded AMBA
 
™ specification 2.0 AHB sys-
tem bus (ARM
 
 
 
™ processor) facilitates communica-
tion among the microprocessor interface,
configuration logic, embedded block RAM, FPGA
logic, and embedded standard cell blocks.
■
New network PLLs meet ITU-T G.811 specifications
and provide clock conditioning for DS-1/E-1 and
STS-3/STM-1 applications.
■
Variable size bused readback of configuration data
capability with the built-in microprocessor interface
and system bus.
■
Internal, 3-state, bidirectional buses with simple con-
trol provided by the SLIC.
■
New clock routing structures for global and local
clocking significantly increases speed and reduces
skew (<200 ps for OR4E04).
■
New local clock routing structures allow creation of
localized clock trees.
■
Two new edge clock routing structures allow up to six
high-speed clocks on each edge of the device for
improved setup/hold and clock to out performance.
■
New double-data rate (DDR) and zero-bus turn-
around (ZBT) memory interfaces support the latest
high-speed memory interfaces.
■
New 2x/4x uplink and downlink I/O capabilities inter-
face high-speed external I/Os to reduced speed
internal logic.
■
Meets universal test and operations PHY interface
for ATM (UTOPIA) Levels 1, 2, and 3. Also meets
proposed specifications for UTOPIA level 4, POS-
PHY Level 3 (2.5 Gbits/s), and POS-PHY 4 (10
Gbits/s) interface standards for packet-over-SONET
as defined by the Saturn Group.
■
ispLEVER development system software. Supported
by industry-standard CAE tools for design entry, syn-
thesis, simulation, and timing analysis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com