Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR4 Datasheet(PDF) 73 Page - Lattice Semiconductor

Part # OR4
Description  ORCASeries 4 FPGAs
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR4 Datasheet(HTML) 73 Page - Lattice Semiconductor

Back Button OR4 Datasheet HTML 69Page - Lattice Semiconductor OR4 Datasheet HTML 70Page - Lattice Semiconductor OR4 Datasheet HTML 71Page - Lattice Semiconductor OR4 Datasheet HTML 72Page - Lattice Semiconductor OR4 Datasheet HTML 73Page - Lattice Semiconductor OR4 Datasheet HTML 74Page - Lattice Semiconductor OR4 Datasheet HTML 75Page - Lattice Semiconductor OR4 Datasheet HTML 76Page - Lattice Semiconductor OR4 Datasheet HTML 77Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 152 page
background image
Lattice Semiconductor
73
Data Sheet
May, 2006
ORCA Series 4 FPGAs
FPGA Configuration Modes (continued)
5-4487(F).a
Figure 45. Slave Parallel Configuration Schematic
Daisy-Chaining
Multiple FPGAs can be configured by using a daisy-chain of the FPGAs. Daisy-chaining uses a lead FPGA and one
or more FPGAs configured in slave serial mode. The lead FPGA can be configured in any mode except slave paral-
lel mode.
All daisy-chained FPGAs are connected in series. Each FPGA reads and shifts the preamble and length count in on
positive CCLK and out on positive CCLK edges.
An upstream FPGA that has received the preamble and length count outputs a high on DOUT until it has received
the appropriate number of data frames so that downstream FPGAs do not receive frame start indications. After
loading and retransmitting the preamble and length count to a daisy-chain of slave devices, the lead device loads its
configuration data frames. The loading of configuration data continues after the lead device has received its config-
uration data if its internal frame bit counter has not reached the length count. When the configuration RAM is full
and the number of bits received is less than the length count field, the FPGA shifts any additional data out on
DOUT.
The configuration data is read into DIN of slave devices on the positive edge of CCLK, and shifted out DOUT on the
positive edge of CCLK. Figure 46 shows the connections for loading multiple FPGAs in a daisy-chain configuration.
The generation of CCLK for the daisy-chained devices that are in slave serial mode differs depending on the config-
uration mode of the lead device. A master parallel mode device uses its internal timing generator to produce an
internal CCLK at eight times its memory address rate (RCLK). The asynchronous peripheral mode and MPI mode
device outputs eight CCLKs for each write cycle. If the lead device is configured in slave mode, CCLK must be
routed to the lead device and to all of the daisy-chained devices.
MICRO-
PROCESSOR
OR
SYSTEM
D[7:0]
DONE
CCLK
CS1
M2
M1
M0
HDC
LDC
8
VDD
INIT
PRGM
CS0
WR
SERIES
FPGA
ORCA
M3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com