Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR4 Datasheet(PDF) 68 Page - Lattice Semiconductor

Part # OR4
Description  ORCASeries 4 FPGAs
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR4 Datasheet(HTML) 68 Page - Lattice Semiconductor

Back Button OR4 Datasheet HTML 64Page - Lattice Semiconductor OR4 Datasheet HTML 65Page - Lattice Semiconductor OR4 Datasheet HTML 66Page - Lattice Semiconductor OR4 Datasheet HTML 67Page - Lattice Semiconductor OR4 Datasheet HTML 68Page - Lattice Semiconductor OR4 Datasheet HTML 69Page - Lattice Semiconductor OR4 Datasheet HTML 70Page - Lattice Semiconductor OR4 Datasheet HTML 71Page - Lattice Semiconductor OR4 Datasheet HTML 72Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 152 page
background image
68
Lattice Semiconductor
Data Sheet
May, 2006
ORCA Series 4 FPGAs
FPGA Configuration Modes (continued)
Note: M3 = GND for high-speed CCLK; M3 = VDD for low-frequency CCLK.
5-9739(F).a
Figure 40. Asynchronous Peripheral Configuration
Microprocessor Interface Mode
The built-in MPI in Series 4 FPGAs is designed for use in configuring the FPGA. Figure 41 show the glueless inter-
face for FPGA configuration and readback from the PowerPC processor. When enabled by the mode pins, the MPI
handles all configuration/readback control and handshaking with the host processor. For single FPGA configura-
tion, the host sets the configuration control register MPI_PRGM to one then back to zero and, after reading that the
configuration write data acknowledge register is high, transfers data 8, 16, or 32 bits at a time to the FPGA’s D[#:0]
input pins. If configuring multiple FPGAs through daisy-chain operation is desired, the SYS_DAISY bit must be set
in the configuration control register of the MPI.
The configuration control register offers control bits to enable the interrupt on a bit stream error. The MPI status
register may be used in conjunction with, or in place of, the interrupt request option. The status register contains a
2-bit field to indicate the bit stream error status. A flow chart of the MPI configuration process is shown in Figure 42.
MICRO-
PRGM
ORCA
SERIES
FPGA
DOUT
CCLK
HDC
LDC
M2
M1
M0
VDD
TO DAISY-
CHAINED
DEVICES
PROCESSOR
D[7:0]
RDY/BUSY
INIT
DONE
ADDRESS
DECODE LOGIC
BUS
CONTROLLER
8
CS0
CS1
RD
WR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com