Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR4 Datasheet(PDF) 77 Page - Lattice Semiconductor

Part # OR4
Description  ORCASeries 4 FPGAs
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR4 Datasheet(HTML) 77 Page - Lattice Semiconductor

Back Button OR4 Datasheet HTML 73Page - Lattice Semiconductor OR4 Datasheet HTML 74Page - Lattice Semiconductor OR4 Datasheet HTML 75Page - Lattice Semiconductor OR4 Datasheet HTML 76Page - Lattice Semiconductor OR4 Datasheet HTML 77Page - Lattice Semiconductor OR4 Datasheet HTML 78Page - Lattice Semiconductor OR4 Datasheet HTML 79Page - Lattice Semiconductor OR4 Datasheet HTML 80Page - Lattice Semiconductor OR4 Datasheet HTML 81Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 152 page
background image
Lattice Semiconductor
77
Data Sheet
May, 2006
ORCA Series 4 FPGAs
Power Estimation
A spreadsheet is available in ispLEVER for detailed
power estimates based on circuit implementation
details from ispLEVER and user inputs. A quick esti-
mate of power dissipation for a Series 4 device is now
presented.
Estimating Power Dissipation
The total operating power dissipated is estimated by
adding the standby (IDDSB), internal, and external
power dissipated. The internal and external power is
the power consumed in the PLCs and PICs, respec-
tively. In general, the standby power is small and may
be neglected. The total operating power is as follows:
PT = Σ PINT + Σ PIO + PCLK
The internal operating power is made up of two parts:
clock generation and PFU/EBR/PIO power. The PFU/
EBR/PIO power can be estimated per output based
upon the number of PFU/EBR/PIO outputs switching
when driving a typical fanout (three X6 lines and nine
X1 lines).
PINT = 0.015 mW/MHz
For each PFU/EBR/PIO output that switches, 0.015
mW/MHz needs to be multiplied times the frequency (in
MHz) that the output switches. Generally, this can be
estimated by using the clock rate multiplied by some
activity factor; for example, 20%.
The power dissipated by clocks is due to either global
primary clock networks or secondary/edge clock net-
works. Their power has a fixed component and a vari-
able component based on the number of PFUs, PIOs,
or EBRs that use that clock as follows:
■
Primary: 0.143 mW/MHz + (0.0033mW/MHz x num-
ber of blocks driven)
■
Secondary: 0.06 mW/MHz + (0.0029mW/MHz x
number of blocks driven)
Clock power is calculated from these equations by mul-
tiplying times the clock frequency in MHz. Note that an
activity factor (i.e., 100% activity) is not used to calcu-
late clock power.
The device I/O power dissipated is the sum of the
power dissipated in the four PIOs in the PIC. This con-
sists of power dissipated by inputs and ac power dissi-
pated by outputs. The power dissipated in each PIO
depends on whether it is configured as an input, out-
put, or input/output. If a PIO is operating as an output,
then there is a power dissipation component for PIN, as
well as POUT. This is because the output feeds back to
the input.
The power dissipated by a LVCMOS2 input buffer is
(VIH = VDD – 0.3 V or higher) estimated as:
PIN = 0.09 mW/MHz
The ac power dissipation from a LVCMOS2 output or
bidirectional is estimated by the following:
POUT = (CL + 5.0 pF) x VDD2 x F Watts
where the unit for CL (the output capacitive load) is Far-
ads, and the unit for F is Hz.
For all other I/O buffer types other than LVCMOS2, see
the detailed power estimation spreadsheet available in
ispLEVER.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com