Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR4 Datasheet(PDF) 79 Page - Lattice Semiconductor

Part # OR4
Description  ORCASeries 4 FPGAs
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR4 Datasheet(HTML) 79 Page - Lattice Semiconductor

Back Button OR4 Datasheet HTML 75Page - Lattice Semiconductor OR4 Datasheet HTML 76Page - Lattice Semiconductor OR4 Datasheet HTML 77Page - Lattice Semiconductor OR4 Datasheet HTML 78Page - Lattice Semiconductor OR4 Datasheet HTML 79Page - Lattice Semiconductor OR4 Datasheet HTML 80Page - Lattice Semiconductor OR4 Datasheet HTML 81Page - Lattice Semiconductor OR4 Datasheet HTML 82Page - Lattice Semiconductor OR4 Datasheet HTML 83Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 152 page
background image
Lattice Semiconductor
79
Data Sheet
May, 2006
ORCA Series 4 FPGAs
Timing Characteristics (continued)
Table 37. I/O Derating for 3.3 V I/Os (VDDIO)—Only valid for TTL/CMOS I/Os
Table 38. Internal Derating for 1.5V (VDD15)
In addition to supply voltage, process variation, and operating temperature, circuit and process improvements of 
the ORCA Series FPGAs over time will result in significant improvement of the actual performance over those listed 
for a speed grade. Even though lower speed grades may still be available, the distribution of yield to timing param-
eters may be several speed grades higher than that designated on a product brand. Design practices need to con-
sider best-case timing parameters (e.g., delays = 0), as well as worst-case timing.
The routing delays are a function of fan-out and the capacitance associated with the CIPs and metal interconnect in 
the path. The number of logic elements that can be driven (fan-out) by PFUs is unlimited, although the delay to 
reach a valid logic level can exceed timing requirements. It is difficult to make accurate routing delay estimates prior 
to design compilation based on fan-out. This is because the CAE software may delete redundant logic inserted by 
the designer to reduce fan-out, and/or it may also automatically reduce fan-out by net splitting.
The waveform test points are given in the Input/Output Buffer Measurement Conditions section of this data sheet. 
The timing parameters given in the electrical characteristics tables in this data sheet follow industry practices, and 
the values they reflect are described below. 
TJ (°C)
Commercial
TJ (°C)
Industrial
Power Supply Voltage
3.0 V
3.15 V
3.3 V
3.45 V
3.6 V
–
–40
0.82
0.80
0.77
0.75
0.74
–40
–25
0.83
0.81
0.78
0.76
0.75
015
0.87
0.84
0.81
0.80
0.78
25
40
0.91
0.88
0.85
0.82
0.81
85
100
1.00
0.97
0.93
0.91
0.88
100
115
1.02
0.99
0.96
0.93
0.90
110
125
1.05
1.01
0.97
0.95
0.92
125
–
1.07
1.03
0.99
0.97
0.94
TJ (°C)
Commercial
TJ (°C)
Industrial
Power Supply Voltage
1.40 V
1.425 V
1.500 V
1.575 V
1.6 V
–
–40
0.87
0.85
0.82
0.79
0.78
–40
–25
0.89
0.87
0.83
0.80
0.79
015
0.93
0.91
0.87
0.82
0.81
25
40
0.96
0.94
0.89
0.85
0.84
85
100
1.02
1.00
0.95
0.91
0.90
100
115
1.04
1.02
0.97
0.93
0.92
110
125
1.05
1.03
0.98
0.94
0.93
125
–
1.06
1.05
1.00
0.96
0.95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com