Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR4 Datasheet(PDF) 16 Page - Lattice Semiconductor

Part # OR4
Description  ORCASeries 4 FPGAs
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR4 Datasheet(HTML) 16 Page - Lattice Semiconductor

Back Button OR4 Datasheet HTML 12Page - Lattice Semiconductor OR4 Datasheet HTML 13Page - Lattice Semiconductor OR4 Datasheet HTML 14Page - Lattice Semiconductor OR4 Datasheet HTML 15Page - Lattice Semiconductor OR4 Datasheet HTML 16Page - Lattice Semiconductor OR4 Datasheet HTML 17Page - Lattice Semiconductor OR4 Datasheet HTML 18Page - Lattice Semiconductor OR4 Datasheet HTML 19Page - Lattice Semiconductor OR4 Datasheet HTML 20Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 152 page
background image
16
16
Lattice Semiconductor
Data Sheet
May, 2006
ORCA Series 4 FPGAs
Programmable Logic Cells (continued)
The ripple mode can be used in one of four submodes.
The first of these is adder-subtractor submode. In
this submode, each LUT generates three separate out-
puts. One of the three outputs selects whether the
carry-in is to be propagated to the carry-out of the cur-
rent LUT or if the carry-out needs to be generated. If
the carry-out needs to be generated, this is provided by
the second LUT output. The result of this selection is
placed on the carry-out signal, which is connected to
the next LUT carry-in or the COUT/FCOUT signal, if it
is the last LUT (K7/K3). Both of these outputs can be
any equation created from KZ[1] and KZ[0], but in this
case, they have been set to the propagate and gener-
ate functions.
The third LUT output creates the result bit for each LUT
output connected to F[7:0]/F[3:0]. If an adder/subtrac-
tor is needed, the control signal to select addition or
subtraction is input on F5A/F5C inputs. These inputs
generate the controller input AS. When AS = 0 this
function performs the adder, A + B. When AS = 1 the
function performs the subtractor, A – B. The result bit is
created in one-half of the LUT from a single bit from
each input bus KZ[1:0], along with the ripple input bit.
The second submode is the counter submode (see
Figure 10). The present count, which may be initialized
via the PFU DIN inputs to the latches/FFs, is supplied
to input KZ[0], and then output F[7:0]/F[3:0] will either
be incremented by one for an up counter or decre-
mented by one for a down counter. If an up/down
counter is needed, the control signal to select the direc-
tion (up or down) is input on F5A and F5C. When
F5[A:C], respectively per nibble, is a logic 1, this indi-
cates a down counter and a logic 0 indicates an up
counter.
5-5756(F)
Figure 10. Counter Submode
F7
K7[0]
K7
DQ
C
C
DQ
Q7
REGCOUT
COUT
F6
K6[0]
K6
DQ
Q6
F4
K4[0]
K4
DQ
Q4
F3
K3[0]
K3
DQ
Q3
F2
K2[0]
K2
DQ
Q2
F1
K1[0]
K1
DQ
Q1
F5
K5[0]
K5
DQ
Q5
F0
K0[0]
K0
DQ
Q0
CIN/FCIN
FCOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com