Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR4 Datasheet(PDF) 28 Page - Lattice Semiconductor

Part # OR4
Description  ORCASeries 4 FPGAs
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR4 Datasheet(HTML) 28 Page - Lattice Semiconductor

Back Button OR4 Datasheet HTML 24Page - Lattice Semiconductor OR4 Datasheet HTML 25Page - Lattice Semiconductor OR4 Datasheet HTML 26Page - Lattice Semiconductor OR4 Datasheet HTML 27Page - Lattice Semiconductor OR4 Datasheet HTML 28Page - Lattice Semiconductor OR4 Datasheet HTML 29Page - Lattice Semiconductor OR4 Datasheet HTML 30Page - Lattice Semiconductor OR4 Datasheet HTML 31Page - Lattice Semiconductor OR4 Datasheet HTML 32Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 152 page
background image
28
Lattice Semiconductor
Data Sheet
May, 2006
ORCA Series 4 FPGAs
Embedded Block RAM (EBR) (continued)
Table 8. RAM Signals
Port Signals
I/O
Function
PORT 0
AR0[#:0]
I
Address to be read (variable width depending on RAM size).
AW0[#:0]
I
Address to be written (variable width depending on RAM size).
BW0<1:0>
I
Byte-write enable.
Byte = 8-bits + parity bit.
<1> = bits[17, 15:9] <0> = bits[16, 7:0]
CKR0
I
Positive-edge asynchronous read clock.
CKW0
I
Positive-edge synchronous write clock.
CSR0
I
Enables read to output. Active high.
CSW0
I
Enables write to output. Active high.
D [#:0]
I
Input data to be written to RAM (variable width depending on RAM size).
Q [#:0]
O
Output data of memory contents at referenced address (variable width depending on
RAM size).
PORT 1
AR1[#:0]
I
Address to be read (variable width depending on RAM size).
AW1[#:0]
I
Address to be written (variable width depending on RAM size).
BW1<1:0>
I
Byte-write enable.
Byte = 8-bits + parity bit.
<1> = bits[17, 15:9] <0> = bits[16, 7:0]
CKR1
I
Positive-edge asynchronous read clock.
CKW1
I
Positive-edge synchronous write clock.
CSR1
I
Enables read to output. Active high.
CSW1
I
Enables write to output. Active high.
D [#:0]
I
Input data to be written to RAM (variable width depending on RAM size).
Q [#:0]
O
Output data of memory contents at referenced address (variable width depending on
RAM size).
Control
BUSY
O
PORT1 writing. Active high.
RESET
I
Data output registers cleared. Memory contents unaffected. Active-low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com