Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR4 Datasheet(PDF) 27 Page - Lattice Semiconductor

Part # OR4
Description  ORCASeries 4 FPGAs
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR4 Datasheet(HTML) 27 Page - Lattice Semiconductor

Back Button OR4 Datasheet HTML 23Page - Lattice Semiconductor OR4 Datasheet HTML 24Page - Lattice Semiconductor OR4 Datasheet HTML 25Page - Lattice Semiconductor OR4 Datasheet HTML 26Page - Lattice Semiconductor OR4 Datasheet HTML 27Page - Lattice Semiconductor OR4 Datasheet HTML 28Page - Lattice Semiconductor OR4 Datasheet HTML 29Page - Lattice Semiconductor OR4 Datasheet HTML 30Page - Lattice Semiconductor OR4 Datasheet HTML 31Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 152 page
background image
Lattice Semiconductor
27
Data Sheet
May, 2006
ORCA Series 4 FPGAs
Embedded Block RAM (EBR) (continued)
FIFO Modes
FIFOs can be configured to 256, 512, or 1K depths and
36, 18, or 9 widths respectively but also can be
expanded using multiple blocks. FIFO works synchro-
nously with the same read and write clock where the
read port can be registered on the output or not regis-
tered. It can also be optionally configured asynchro-
nously with different read and write clocks and the
same read port register options.
Integrated flags allow the user the ability to fully utilize
the EBR for FIFO, without the need to dedicate an
address for providing distinct full/empty status. There
are four programmable flags provided for each FIFO:
Empty, partially empty, full, and partially full FIFO sta-
tus. The partially empty and partially full flags are pro-
grammable with the flexibility to program the flags to
any value from the full or empty threshold. The pro-
grammed values can be set to a fixed value through the
bitstream or a dynamic value can be controlled by input
pins of the EBR FIFO. When the FIFO is in asynchro-
nous mode, the FIFO flags use grey code counters to
ensure proper glitch-free operation.
Multiplier Modes
The ORCA Series 4 EBR supports two variations of
multiplier functions. Constant coefficient MULTIPLY
[KCM] mode will produce a 24-bit output of a fixed 8-bit
constant multiply of a 16-bit number or a fixed 16-bit
constant multiply of an 8-bit number. This KCM multi-
plies a constant times a 16- or 8-bit number and pro-
duces a product as a 24-bit result. The coefficient and
multiplication tables are stored in memory. The input
can be configured to be registered for pipelining. Both
write ports are available during MULTIPLY mode so
that the user logic can update and modify the coeffi-
cients for dynamic coefficient updates. The SCUBA
program in ispLEVER should be used to create the
KCM multipliers, including the input of initial coeffi-
cients.
An 8 x 8 MULTIPLY mode is configurable to either a
pipelined or combinatorial multiplier function of two 8-
bit numbers. Two 8-bit operands are multiplied to yield
a 16-bit product. The input can be registered in pipeline
mode.
CAM Mode
The CAM block is a binary content address memory
that provides fast address searches by receiving data
input and returning addresses that contain the data.
Implemented in each EBR are two 16-word x 8-bit CAM
function blocks.
The CAM has three modes, single match, multiple
match and clear, which are all achieved in one clock
cycle. In single match mode, a 8-bit data input is inter-
nally decoded and reports a match when data is
present in a particular RAM address. Its result is
reported by a corresponding single address bit. In mul-
tiple match the same occurs with the exception of multi-
ple address lines report the match. Clear mode is used
to clear the CAM contents by erasing all locations one
cycle per location. The EBR blocks in CAM mode may
be cascaded to produce larger CAMs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com