Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR4 Datasheet(PDF) 83 Page - Lattice Semiconductor

Part # OR4
Description  ORCASeries 4 FPGAs
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR4 Datasheet(HTML) 83 Page - Lattice Semiconductor

Back Button OR4 Datasheet HTML 79Page - Lattice Semiconductor OR4 Datasheet HTML 80Page - Lattice Semiconductor OR4 Datasheet HTML 81Page - Lattice Semiconductor OR4 Datasheet HTML 82Page - Lattice Semiconductor OR4 Datasheet HTML 83Page - Lattice Semiconductor OR4 Datasheet HTML 84Page - Lattice Semiconductor OR4 Datasheet HTML 85Page - Lattice Semiconductor OR4 Datasheet HTML 86Page - Lattice Semiconductor OR4 Datasheet HTML 87Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 152 page
background image
Lattice Semiconductor
83
Data Sheet
May, 2006
ORCA Series 4 FPGAs
Timing Characteristics (continued)
Table 43. PIO Input Buffer Timing Characteristics
OR4Exx commercial: VDD15 = 1.425 V, VDD33 = 3.0 V, VDDIO = Min, TJ = +85 ˚C
OR4Exx industrial: VDD15 = 1.425 V, VDD33 = 3.0 V, VDDIO = Min, TJ = +100 ˚C
Notes:
The delays for all input buffers assume an input rise/fall time of <1 V/ns.
The values in the above table should be used to modify the information in Table 46 through Table 52, which are all based on LVTTL input timing.
Parameter
Symbol
Speed
Unit
-1
-2
-3
Min
Max
Min
Max
Min
Max
Input Delays
Input Rise Time
IN_RIS
—
100
—
100
—
100
ns
Input Fall Time
IN_FAL
—
100
—
100
—
100
ns
Input Delay Adjustments from LVTTL:
LVCMOS2 (2.5 V)
LVCMOS18 (1.8 V)
LVDS
LVDSE
LVPECL
PCI_33 (3.3 V)
PCI_66 (3.3 V)
GTL
GTLP (GTL+)
HSTL_I
HSTL_II
HSTL_III
HSTL_IV
SSTL2_I
SSTL2_II
SSTL3_I
SSTL3_II
PECL
IN_LVCMOS25
IN_LVCMOS15
IN_LVDS
IN_LVDSE
IN_LVPECL
IN_PCI_33
IN_PCI_66
IN_GTL
IN_GTLP
IN_HSTL_I
IN_HSTL_II
IN_HSTL_III
IN_HSTL_IV
IN_SSTL2_I
IN_SSTL2_II
IN_SSTL3_I
IN_SSTL3_II
IN_PECL
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0.54
1.91
–0.04
0.30
–0.31
0.59
0.59
5.32
1.87
–0.05
–0.05
–0.20
–0.20
2.28
2.28
0.78
0.78
0.83
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0.44
1.50
0.10
0.32
–0.21
0.50
0.50
4.68
2.04
–0.06
–0.06
–0.13
–0.13
1.66
1.66
0.69
0.69
0.72
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0.40
1.36
0.09
0.29
–0.19
0.45
0.45
4.26
1.86
–0.06
–0.06
–0.12
–0.12
1.51
1.51
0.63
0.63
0.65
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com