Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR4 Datasheet(PDF) 33 Page - Lattice Semiconductor

Part # OR4
Description  ORCASeries 4 FPGAs
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR4 Datasheet(HTML) 33 Page - Lattice Semiconductor

Back Button OR4 Datasheet HTML 29Page - Lattice Semiconductor OR4 Datasheet HTML 30Page - Lattice Semiconductor OR4 Datasheet HTML 31Page - Lattice Semiconductor OR4 Datasheet HTML 32Page - Lattice Semiconductor OR4 Datasheet HTML 33Page - Lattice Semiconductor OR4 Datasheet HTML 34Page - Lattice Semiconductor OR4 Datasheet HTML 35Page - Lattice Semiconductor OR4 Datasheet HTML 36Page - Lattice Semiconductor OR4 Datasheet HTML 37Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 152 page
background image
Lattice Semiconductor
33
Data Sheet
May, 2006
ORCA Series 4 FPGAs
Programmable Input/Output Cells (continued)
Table 13. Series 4 Programmable I/O Standards
Note: interfaces to DDR and ZBT memories are supported through the interface standards shown above.
The PIOs are located along the perimeter of the device. The PIO name is represented by a two-letter designation to
indicate the side of the device on which it is located followed by a number to indicate the row or column in which it is
located. The first letter, P, designates that the cell is a PIO and not a PLC. The second letter indicates the side of the
array where the PIO is located. The four sides are left (L), right (R), top (T), and bottom (B). A number follows to
indicate the PIC row or column. The individual I/O pad is indicated by a single letter (either A, B, C, or D) placed at
the end of the PIO name. As an example, PL10A indicates a pad located on the left side of the array in the tenth
row.
Each PIC interfaces to four bond pads through four PIOs and contains the necessary routing resources to provide
an interface between I/O pads and the CIBs. Each PIC contains input buffers, output buffers, routing resources,
latches/FFs, and logic and can be configured as an input, output, or bidirectional I/O. Any PIO is capable of sup-
porting the I/O standards listed in Table 13.
The CIBs that connect to the PICs have significant local routing resources, similar to routing in the PLCs. This new
routing increases the ability to fix user pinouts prior to placement and routing of a design and still maintain routabil-
ity. The flexibility provided by the routing also provides for increased signal speed due to a greater variety of optimal
signal paths.
Included in the routing interface is a fast path from the input pins to the PFU logic. This feature allows for input sig-
nals to be very quickly processed by the SLIC decoder function and used on-chip or sent back off of the FPGA.
A diagram of a single PIO is shown in Figure 22, and Table 14 provides an overview of the programmable functions
in an I/O cell.
Standard
VDDIO (V)
VREF (V)
Interface Usage
LVTTL
3.3
NA
General purpose.
LVCMOS2
2.5
NA
LVCMOS18
1.8
NA
PCI
3.3
NA
PCI.
LVDS
2.5
NA
Point to point and multi-drop backplanes, high noise immunity.
Bused-LVDS
2.5
NA
Network backplanes, high noise immunity, bus architecture
backplanes.
LVPECL
3.3
NA
Network backplanes, differential 100 MHz+ clocking, optical
transceiver, high-speed networking.
PECL
3.3
2.0
Backplanes.
GTL
3.3
0.8
Backplane or processor interface.
GTL+
3.3
1.0
HSTL-class I
1.5
0.75
High-speed SRAM and networking interfaces.
HTSL-class III and IV
1.5
0.9
STTL3-class I and II
3.3
1.5
Synchronous DRAM interface.
SSTL2-class I and II
2.5
1.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com