Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR4 Datasheet(PDF) 85 Page - Lattice Semiconductor

Part # OR4
Description  ORCASeries 4 FPGAs
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR4 Datasheet(HTML) 85 Page - Lattice Semiconductor

Back Button OR4 Datasheet HTML 81Page - Lattice Semiconductor OR4 Datasheet HTML 82Page - Lattice Semiconductor OR4 Datasheet HTML 83Page - Lattice Semiconductor OR4 Datasheet HTML 84Page - Lattice Semiconductor OR4 Datasheet HTML 85Page - Lattice Semiconductor OR4 Datasheet HTML 86Page - Lattice Semiconductor OR4 Datasheet HTML 87Page - Lattice Semiconductor OR4 Datasheet HTML 88Page - Lattice Semiconductor OR4 Datasheet HTML 89Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 152 page
background image
Lattice Semiconductor
85
Data Sheet
May, 2006
ORCA Series 4 FPGAs
Timing Characteristics (continued) 
Table 45. Primary Clock Skew to any PFU or PIO Register
OR4Exx commercial/industrial: VDD15 = 1.425 V to 1.575 V, VDD33 = 3.0 V to 3.6 V, –40 °C < TJ < +125 °C
.
Table 46. Secondary Clock to Output Delay without on-chip PLLs (Pin-to-Pin) 
OR4Exx commercial: VDD15 = 1.425 V to 1.575 V, VDD33 = 3.0 V to 3.6 V, VDDIO = 3.0 V to 3.6 V, –40 °C < TJ < +85 °C.;
CL = 30 pF
OR4Exx industrial: VDD15 = 1.425 V to 1.575 V, VDD33 = 3.0 V to 3.6 V, VDDIO = 3.0 V to 3.6 V, –40 °C < TJ < +100 °C.;
CL = 30 pF.
Notes: 
1. Timing is without the use of the phase-locked loops (PLLs).
2. This clock delay is for a fully routed clock tree that uses the secondary clock network. It includes the LVTTL (3.3 V) input clock buffer, the clock 
routing to the PIO CLK input, the clock→Q of the FF, and the delay through the LVTTL (3.3 V) data output buffer. An SCLK input clock can be 
at any input pin.
3. For timing improvements using other I/O buffer types for the input clock buffer or output data buffer, see Table 53 and Table 55.
5-4846(F).a
Figure 47. Secondary CLK to Output Delay
Description
Device 
Speed
Unit
-1
-2
-3
Min
Max
Min
Max
Min
Max
Primary Clock Skew Information (pos edge to 
pos edge or neg edge to neg edge)
OR4E02
OR4E04
OR4E06
—
—
—
85
110
120
—
—
—
75
95
105
—
—
—
70
90
100
ps
ps
ps
Primary Clock Skew Information (pos edge to 
pos edge, neg edge to neg edge, pos edge to 
neg edge or neg edge to pos edge)
OR4E02
OR4E04
OR4E06
—
—
—
265
285
300
—
—
—
190
210
220
—
—
—
180
200
210
ps
ps
ps
Description
Device 
Speed
Unit
-1
-2
-3
Min
Max
Min
Max
Min
Max
SCLK → OUTPUT Pin (LVTTL-12 mA Fast, 
Output within 6 PICs of SCLK input)
All
—
7.22
—
6.70
—
6.06
ns
Additional Delay per each extra 6 PICs per 
clock route direction.
All
—
0.36
—
0.38
—
0.34
ns
OUTPUT (30 pF LOAD)
Q
D
SCLK
PIO FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com