Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR4 Datasheet(PDF) 102 Page - Lattice Semiconductor

Part # OR4
Description  ORCASeries 4 FPGAs
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR4 Datasheet(HTML) 102 Page - Lattice Semiconductor

Back Button OR4 Datasheet HTML 98Page - Lattice Semiconductor OR4 Datasheet HTML 99Page - Lattice Semiconductor OR4 Datasheet HTML 100Page - Lattice Semiconductor OR4 Datasheet HTML 101Page - Lattice Semiconductor OR4 Datasheet HTML 102Page - Lattice Semiconductor OR4 Datasheet HTML 103Page - Lattice Semiconductor OR4 Datasheet HTML 104Page - Lattice Semiconductor OR4 Datasheet HTML 105Page - Lattice Semiconductor OR4 Datasheet HTML 106Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 152 page
background image
102
Lattice Semiconductor
Data Sheet
May, 2006
ORCA Series 4 FPGAs
Pin Information (continued)
Table 65. Pin Descriptions
(continued)
Symbol
I/O
Description
Special-Purpose Pins
M[3:0]
I
During powerup and initialization, M0—M3 are used to select the configuration mode with their val-
ues latched on the rising edge of INIT. During configuration, a pull-up is enabled.
I/O After configuration, these pins are user-programmable I/O.*
PLL_CK[0:7][TC]
I
Semi-dedicated PLL clock pins. During configuration they are 3-stated with a pull up.
I/O These pins are user-programmable I/O pins if not used by PLLs after configuration.
P[TBLR]CLK[1:0][TC]
I
Pins dedicated for the primary clock. Input pins on the middle of each side with differential pairing.
I/O After configuration these pins are user programmable I/O, if not used for clock inputs.
TDI, TCK, TMS
I
Before configuration these pins are test data in, test clock, and test mode select inputs. If bound-
ary-scan is enabled after configuration, these pins remain test data in, test clock, and test mode
select inputs. If boundary-scan is not enabled after configuration, all boundery-scan functions are
inhibited once configuration is complete. During configuration, either TCK or TMS must be held at a
logic 1. Each pin has a pull-up enabled during configuration. To enable boundary-scan after config-
uration, a BNDSCAN library element must be instantiated in the user's design and the appropriate
bitgen setting must be enabled in the ispLEVER software.
I/O After configuration, these pins are user-programmable I/O in boundary scan is not used.*
RDY/BUSY/RCLK
O During configuration in asynchronous peripheral mode, RDY/RCLK indicates another byte can be
written to the FPGA. If a read operation is done when the device is selected, the same status is also
available on D7 in asynchronous peripheral mode.
During the master parallel configuration mode, RCLK is a read output signal to an external memory.
This output is not normally used.
I/O After configuration this pin is a user-programmable I/O pin.*
HDC
O High during configuration is output high until configuration is complete. It is used as a control output,
indicating that configuration is not complete.
I/O After configuration, this pin is a user-programmable I/O pin.*
LDC
O Low during configuration is output low until configuration is complete. It is used as a control output,
indicating that configuration is not complete.
I/O After configuration, this pin is a user-programmable I/O pin.*
INIT
I/O INIT is a bidirectional signal before and during configuration. During configuration, a pull-up is
enabled, but an external pull-up resistor is recommended. As an active-low open-drain output, INIT
is held low during power stabilization and internal clearing of memory. As an active-low input, INIT
holds the FPGA in the wait-state before the start of configuration.
After configuration, this pin is a user-programmable I/O pin.*
CS0, CS1
I
CS0 and CS1 are used in the asynchronous peripheral, slave parallel, and microprocessor configu-
ration modes. The FPGA is selected when CS0 is low and CS1 is high. During configuration, a pull-
up is enabled.
I/O After configuration, if MPI is not used, these pins are user-programmable I/O pins.*
RD/MPI_STRB
I
RD is used in the asynchronous peripheral configuration mode. A low on RD changes D[7:3] into a
status output. WR and RD should not be used simultaneously. If they are, the write strobe overrides.
This pin is also used as the MPI data transfer strobe. As a status indication, a high indicates ready,
and a low indicates busy.
I/O After configuration, if the MPI is not used, this pin is a user-programmable I/O pin.*
* The FPGA States of Operation section contains more information on how to control these signals during start-up. The timing of DONE release
is controlled by one set of bit stream options, and the timing of the simultaneous release of all other configuration pins (and the activation of all
user I/Os) is controlled by a second set of options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com