Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW8009 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STW8009
Description  Mobile video DENC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW8009 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STW8009 Datasheet HTML 5Page - STMicroelectronics STW8009 Datasheet HTML 6Page - STMicroelectronics STW8009 Datasheet HTML 7Page - STMicroelectronics STW8009 Datasheet HTML 8Page - STMicroelectronics STW8009 Datasheet HTML 9Page - STMicroelectronics STW8009 Datasheet HTML 10Page - STMicroelectronics STW8009 Datasheet HTML 11Page - STMicroelectronics STW8009 Datasheet HTML 12Page - STMicroelectronics STW8009 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
Ball/pin information
STw8009/STw8019
8/65
3
Ball/pin information
Table 1.
Product name ball functions
Ball
Name
Type
Voltage
Description
E1
Vdd
Power
1.2V/1.4V
Digital core chip supply
D2
Gndd
GND
0 V
Digital core chip ground
C1
VddIO1
Power
1.8V/2.8V
Digital I/O supply
D1
VssIO1
GND
0 V
Digital I/O ground
G4
VddIO2
Power
1.8V/2.8V
Digital I/O supply
E4
VssIO2
GND
0 V
Digital I/O ground
A3
VccA1
Power
2.8V/3.3V
DAC2 matrix analog power supply
A5
VccA2
Power
2.8V/3.3V
DAC1 matrix analog power supply
A7
VccA3
Power
2.8V/3.3V
2.8/3.3 V digital feature supply
B7
VccA4
Power
2.8V/3.3V
2.8 /3.3 V digital feature supply
B3
GNDA1
GND
0 V
DAC2 ground
B5
GNDA2
GND
0 V
DAC1 ground
C5
GNDA3
GND
0 V
2.8 /3.3 V digital feature ground
B4
GNDA4
GND
0 V
Rext ground connection
B6
GNDA5
GND
0 V
Analog ground
A4
Rext
Analog
DAC current reference setting
G2
CLK
Digital Input
1.8V/2.8V
27 MHz master pixel clock (pixclk)
G7, G6,
F7, F6,
E7, E6,
D7, D6
YCbCr[0:7]
Digital Input
1.8V/2.8V
Time multiplexed 4:2:2 luminance and
chrominance data as defined in CCIR 601
and CCIR 656 (excepted for TTL input
signals)
G5
Hsync
Digital I/O
1.8V/2.8V
Horizontal synchronization signal:
- Input in slave mode, except when sync is
extracted from YcbCr data
- Output in master mode and when sync is
extracted from YcbCr signal.
F5
Vsync
Odd/Even
Digital I/O
1.8V/2.8V
Vertical Synchronization – Odd/Even signal:
- Input in slave mode, except when sync is
extracted from YcbCr data
- Output in master mode and when sync is
extracted from YcbCr signal.
F3
SDA
Digital I/O
1.8V/2.8V
2 wire serial MPU data line
G3
SCL
Digital Input
1.8V/2.8V
2 wire serial MPU clock
E3
Add
Digital input
1.8V/2.8V
Device address selection
C7
PORn
Digital input
1.8V/2.8V
Power On Reset (Active low)
F2
Suspend
Digital input
1.8V/2.8V
Suspend input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com