Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW8009 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STW8009
Description  Mobile video DENC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW8009 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STW8009 Datasheet HTML 30Page - STMicroelectronics STW8009 Datasheet HTML 31Page - STMicroelectronics STW8009 Datasheet HTML 32Page - STMicroelectronics STW8009 Datasheet HTML 33Page - STMicroelectronics STW8009 Datasheet HTML 34Page - STMicroelectronics STW8009 Datasheet HTML 35Page - STMicroelectronics STW8009 Datasheet HTML 36Page - STMicroelectronics STW8009 Datasheet HTML 37Page - STMicroelectronics STW8009 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 66 page
background image
STw8009/STw8019
Control registers
33/65
fieldct[2:0]: Digital field identification number
000 = indicates field 1
...
111 = indicates field 8
fieldct[0] also represents the odd/even information (odd=’0’, even=’1’)
jump: indicates whether a frame length modification has been programmed at ‘1’ from
programming of bit’ jump’ to end of frame(s) concerned.
(*)default = 0
Refer to register 6 and registers 21-22-23
These registers contain the 24-bit increment used by the DDFS if bit ‘selrst_inc’ equals ‘1’ to
generate the subcarrier phase i.e. the address that is supplied to the sine ROM. It therefore
allows to customize the subcarrier synthesized frequency.
1 LSB ~ 1.609325 Hz
The procedure to validate the usage of these registers rather than the hard-wired values is
the following:
- Load the registers with the required value
- Set bit ‘selrst_inc’ to 1 (Reg 5)
- Perform a software reset (Reg 6)
Note:
1
The values loaded in Reg10-12 are taken into account after a software reset, and ONLY IF
bit ‘selrst_inc’=’1’ (Reg. 5).
2
These registers are never reset and must be explicitly written into to contain sensible
information.
3
On hardware or on software reset with selrst_inc=’0’, the DDFS is initialized with a
hardwired increment, independent of Registers 10-12. These hardwired values being out of
any user register cannot be read.
These values are:
REGISTERS 10, 11, 12 Increment_dfs
Address:
0x000A to 0x000C
Type: R/W
register_10
d23
d22
d21
d20
d19
d18
d17
d16
register_11
d15
d14
d13
d12
d11
d10
d9
d8
register_12
d7
d6
d5
d4
d3
d2
d1
d0
Value
Frequency synthesized
d(23:0): 21F07C hexa for NTSC M
f=3.5795452 MHz
d(23:0): 2A098B hexa for PAL B,G,H,I,N
f
=4.43361875MHz
d(23:0): 21F694 hexa for PAL N
f=3.5820558 MHz
d(23:0): 21E6F0 hexa for PAL M
f=3.57561149 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com