Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW8009 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STW8009
Description  Mobile video DENC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW8009 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STW8009 Datasheet HTML 6Page - STMicroelectronics STW8009 Datasheet HTML 7Page - STMicroelectronics STW8009 Datasheet HTML 8Page - STMicroelectronics STW8009 Datasheet HTML 9Page - STMicroelectronics STW8009 Datasheet HTML 10Page - STMicroelectronics STW8009 Datasheet HTML 11Page - STMicroelectronics STW8009 Datasheet HTML 12Page - STMicroelectronics STW8009 Datasheet HTML 13Page - STMicroelectronics STW8009 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
STw8009/STw8019
Ball/pin information
9/65
Figure 4.
Ball layout
A2
C/CVBS
Analog output
The output can be selected to be composite
video or chroma signal for s-video.
A6
Y
Analog output
Luminance signal for s-video
B1
TDI
Digital input
1.8V/2.8V
JTAG test data in
If not used, connected to GND
B2
TDO
Digital output
1.8V/2.8V
JTAG test data out
If not used, left open
C2
TCK
Digital input
1.8V/2.8V
JTAG test clock
If not used, connected to GND
C3
TMS
Digital input
1.8V/2.8V
JTAG test mode select
If not used, connected to GND
D4
Test
Digital input
1.8V/2.8V
Put the device in test mode
If not used, connected to GND
D3, F1,
E2
tst_ana[0:2]
Digital input
1.8V/2.8V
DENC test
If not used, connected to GND
F4
PlugDet
Digital input
1.8V/2.8V
TV / VCR plug connection detection / CMOS
input
Table 1.
Product name ball functions (continued)
Ball
Name
Type
Voltage
Description
GNDA3
Rext
VccA4
A
B
C
E
F
D
G
12
3
4
5
6
7
VccA2
Y
GNDA2
C/CVBS
GNDA4
VccA3
GNDA5
Suspend
CLK
Vdd_IO1
VccA1
GNDA1
Test
YCbCr[7]
YCbCr[6]
YCbCr[4]
YCbCr[2]
YCbCr[3]
YCbCr[0]
YCbCr[1]
YCbCr[5]
Vss_IO1
TDI
TCK
TDO
Vdd
TMS
tst_ana[0]
tst_ana[2]
tst_ana[1]
SDA
Gndd
Add
Hsync
SCL
Vdd_IO2
Vss_IO2
Vsync
PORn
PlugDet
GNDA3
Rext
VccA4
A
B
C
E
F
D
G
12
3
4
5
6
7
VccA2
Y
GNDA2
C/CVBS
GNDA4
VccA3
GNDA5
Suspend
CLK
Vdd_IO1
VccA1
GNDA1
Test
YCbCr[7]
YCbCr[6]
YCbCr[4]
YCbCr[2]
YCbCr[3]
YCbCr[0]
YCbCr[1]
YCbCr[5]
Vss_IO1
TDI
TCK
TDO
Vdd
TMS
tst_ana[0]
tst_ana[2]
tst_ana[1]
SDA
Gndd
Add
Hsync
SCL
Vdd_IO2
Vss_IO2
Vsync
PORn
PlugDet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com