Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW8009 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STW8009
Description  Mobile video DENC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW8009 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STW8009 Datasheet HTML 23Page - STMicroelectronics STW8009 Datasheet HTML 24Page - STMicroelectronics STW8009 Datasheet HTML 25Page - STMicroelectronics STW8009 Datasheet HTML 26Page - STMicroelectronics STW8009 Datasheet HTML 27Page - STMicroelectronics STW8009 Datasheet HTML 28Page - STMicroelectronics STW8009 Datasheet HTML 29Page - STMicroelectronics STW8009 Datasheet HTML 30Page - STMicroelectronics STW8009 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 66 page
background image
Control registers
STw8009/STw8019
26/65
freerun:
(*) 0 = disabled
1 = enabled
Note:
This bit is taken into account in ODDEV-only or VSYNC-only based slave modes and is
irrelevant for other synchronization modes.
blkli: Vertical Blanking Interval selection for active video lines area
(*) 0 = (‘partial blanking’) Only the following lines inside Vertical Interval are blanked
1 = “full blanking” All lines inside VBI are blanked
flt[1:0]: U/V Chroma filter bandwidth selection
sync_ok: availability of sync signals (analog and digital) in case of input synchronization
loss with no free-run active (i.e. freerun=0)
(*) 0 = no synchro output signals
1 = output synchro signals available on YS, CVBS and, when applicable, HSYNC (if
output port), ODDEV (if output port): i.e same behavior as free-run except that video
outputs are blanked in the active portion of the line.
coki: color killer
(*) 0 = color ON
1 = color suppressed on CVBS output signal (CVBS=YS) but color still present on C
output. For color suppression on chroma DAC ‘C’, see register 5 bit bkdac1.
REGISTER 1
configuration1
Address: 0x0001
Type: R/W
content
blkli
flt1
flt0
sync_ok
coki
setup_
main
default
01
0001
[0]
[0]
NTSC-M:
lines [1; 9], [263(half); 272] (525-SMPTE)
PAL-M:
lines [523; 6], [260(half); 269] (525-CCIR)
Other PAL:
lines [623(half); 5], [311; 318] (625-CCIR)
NTSC-M:
lines [1; 19], [263(half); 282] (525-SMPTE)
PAL-M:
lines [523; 16], [260(half); 279] (525-CCIR)
Other PAL:
lines [623(half); 22], [311; 335] (625-CCIR)
Table 6.
Register 1
flt1
flt0
3dB bandwidth
Typical application
00
f-3dB=1.1MHz
low def NTSC filter
01
f-3dB=1.3MHz
low def PAL filter
(*)
1
0
f-3dB=1.6MHz
high def. NTSC filter (ATSC compliant) & PAL
M/N (ITU-R 624.4 compliant)
11
f-3dB=1.9MHz
high def. PAL filter: Rec 624 - 4 for PAL BDG/I
compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com