Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW8009 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STW8009
Description  Mobile video DENC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW8009 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STW8009 Datasheet HTML 26Page - STMicroelectronics STW8009 Datasheet HTML 27Page - STMicroelectronics STW8009 Datasheet HTML 28Page - STMicroelectronics STW8009 Datasheet HTML 29Page - STMicroelectronics STW8009 Datasheet HTML 30Page - STMicroelectronics STW8009 Datasheet HTML 31Page - STMicroelectronics STW8009 Datasheet HTML 32Page - STMicroelectronics STW8009 Datasheet HTML 33Page - STMicroelectronics STW8009 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 66 page
background image
STw8009/STw8019
Control registers
29/65
syncin_ad[1:0]: Adjustment of incoming sync signals.
Used to insure correct interpretation of incoming video samples as Y, Cr or Cb when the
encoder is slaved to incoming sync signals (inc. ‘F/H’ flags stripped off ITU-R656/D1 data).
syncout_ad[1:0]: Adjustment of outgoing sync signals.
Used to ensure correct interpretation of incoming video samples as Y, Cr or Cb when the
encoder is master and supplies sync signals.
aline: video active line duration control
(*) 0 = Full digital video line encoding (720 pixels - 1440 clock cycles)
1 = Active line duration follows ITU-R/SMPTE ‘analog’ standard requirements
hue_en: Enables variance in phase of the subcarrier, as programmed in register_105,
during active video with respect to the phase of the subcarrier during the color burst. Once
set, this bit is automatically reset to ‘0’.
(*) 0 = Disabled
1 = Enabled
REGISTER 4
configuration4
Address: 0x0004
Type: R/W
content
syncin_
ad1
syncin_
ad0
syncout_
ad1
syncout_
ad0
aline
hue_en
xxx
xxx
default
00
0000
00
Table 8.
syncin_ad[1:0]
syncin_ad1
syncin_ad0
Internal delay undergone by incoming sync
(*)
0
0
nominal*
0
1
+1 pix_clk
1
0
+2 pix_clk
1
1
+3 pix_clk
Table 9.
syncout_ad[1:0]
syncout_ad1
syncout_ad0
Delay added to sync signals before they are output
(*)
0
0
nominal*
0
1
+1 pix_clk
1
0
+2 pix_clk
1
1
+3 pix_clk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com