Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW8009 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STW8009
Description  Mobile video DENC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW8009 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STW8009 Datasheet HTML 8Page - STMicroelectronics STW8009 Datasheet HTML 9Page - STMicroelectronics STW8009 Datasheet HTML 10Page - STMicroelectronics STW8009 Datasheet HTML 11Page - STMicroelectronics STW8009 Datasheet HTML 12Page - STMicroelectronics STW8009 Datasheet HTML 13Page - STMicroelectronics STW8009 Datasheet HTML 14Page - STMicroelectronics STW8009 Datasheet HTML 15Page - STMicroelectronics STW8009 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 66 page
background image
STw8009/STw8019
Functional description
11/65
4.5
Video timing
The DENC outputs video in PAL-B,D,G,H,I, PAL-N, PAL-M or NTSC-J, M standards (‘NTSC-
4.43’ is also possible).
The burst sequences are internally generated, subcarrier generation being performed
numerically with PIX_CLK as reference. 4-frame bursts are generated for PAL or 2-frame
bursts for NTSC. Rise and fall times of synchronization tips and burst envelope are internally
controlled according to the relevant ITU-R and SMPTE recommendations.
Figure 5, 6, 7 and 8 depict typical VBI waveforms.
It is possible to allow encoding of incoming YCrCb data on those lines of the VBI that do not
bear line sync pulses or pre/post-equalization pulses (
Figure 5, 6, 7 and 8). This mode of
operation is referred to as “partial blanking” and is the default set-up. It allows to keep in the
encoded waveform any VBI data present in digitized form in the incoming YCrCb stream.
Alternatively, the complete VBI may be fully blanked, so no incoming YCrCb data encoded
on these lines.
The ‘complete’ VBI comprises of the following lines:
–
for 525/60 systems (SMPTE line numbering convention): lines 1 to 19 and second
half of line 263 to line 282
–
for 625/50 systems (CCIR line numbering convention): second half of line 623 to
line 22 and lines 311 to 335
The ‘partial’ VBI consists of:
–
for 525/60 systems (SMPTE line numbering convention): lines 1 to 9 and second
half of line 263 to line 272
–
for 625/50 systems (CCIR line numbering convention): second half of line 623 to
line 5 and lines 311 to 318
Full or partial blanking is controlled by configuration bit ‘
blkli in configuration register1’.
Note:
line 282 in 525/60/SMPTE systems is either fully blanked or fully active.
line 23 in 625/60/CCIR systems is always fully active.
In an ITU-R656-compliant digital TV line, the active portion of the digital line is the portion
included between the SAV (Start of Active Video) and EAV (End of Active Video) words.
However, this digital active line starts somewhat earlier and may end slightly later than the
active line usually defined by analog standards.
The DENC permits two approaches:
●
Encodes the full digital line (720 pixels / 1440 clock cycles). In this case, the output
waveform will reflect the full YCrCb stream included between SAV and EAV.
●
Drops some YCrCb samples at the extremities of the digital line so that the encoded
analog line fits within the ‘analog’ ITU-R/SMPTE specifications.
Selection between these two modes of operation is performed with bit ‘aline’ in configuration
register 4.
In all cases, the transitions between horizontal blanking and active video are shaped to
avoid too steep edges within the active video. Figure 11 on page 15 gives timings
concerning the horizontal blanking interval and the active video interval.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com