Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW8009 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STW8009
Description  Mobile video DENC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW8009 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STW8009 Datasheet HTML 18Page - STMicroelectronics STW8009 Datasheet HTML 19Page - STMicroelectronics STW8009 Datasheet HTML 20Page - STMicroelectronics STW8009 Datasheet HTML 21Page - STMicroelectronics STW8009 Datasheet HTML 22Page - STMicroelectronics STW8009 Datasheet HTML 23Page - STMicroelectronics STW8009 Datasheet HTML 24Page - STMicroelectronics STW8009 Datasheet HTML 25Page - STMicroelectronics STW8009 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 66 page
background image
STw8009/STw8019
Functional description
21/65
4.13.2
Mode transition diagram
The following mode transition diagram shows the main possible transitions between the
modes and the actions.
Figure 17.
Mode transition diagram
Transitions to OFF mode
The possible transitions are indicated in
Figure 17: Mode transition diagram10 in dotted
lines. No internal data needs to be saved and the STw80x9 can be turned OFF from any
mode. The only restriction is to comply with the power supply rules described here after.
Transition from OFF mode to Sleep mode then to Active mode
Power up must be done by starting from OFF to Sleep mode and then from Sleep to Active
mode. Sleep to Standby is not possible.
The host sends the order for the STw80x9 to switch from Sleep to Active mode by releasing
Suspend ball. The device then generates a reset sequence to the DENC part.
Transition from Active mode to Sleep mode
In Sleep mode, DENC is not powered on. When Suspend signal changes from « 0 » to
« 1 », the device goes from Active to Sleep mode and an internal Reset signal is generated
by the Control Power Unit management to the DENC part. This signal has a 6 pixclk
duration (pixclk = 27 MHz).
OFF
Sleep
Standby
Active
Registers maintained
Power consumption reduced
DENC clock gated
DACs in low power
Normal operation
All functions available
DACs dynamically used on demand
No Power supply applied
Registers values lost
All supplies are applied but STw8009
suspend is asserted
Register values lost
DAC in low power mode
STw8009 looses all its
registers and configuration
when entering Sleep mode
A PORn reset occurs
after the 1.2 V & 1.8 V
have been applied
No need to reset or
reconfigure DENC
in either direction
Suspend = « 0 »
By Sw
Suspend = « 1 »
OFF
Sleep
Standby
Active
Registers maintained
Power consumption reduced
DENC clock gated
DACs in low power
Normal operation
All functions available
DACs dynamically used on demand
No Power supply applied
Registers values lost
All supplies are applied but STw8009
suspend is asserted
Register values lost
DAC in low power mode
STw8009 looses all its
registers and configuration
when entering Sleep mode
STw8009 looses all its
registers and configuration
when entering Sleep mode
A PORn reset occurs
after the 1.2 V & 1.8 V
have been applied
No need to reset or
reconfigure DENC
in either direction
No need to reset or
reconfigure DENC
in either direction
Suspend = « 0 »
By Sw
Suspend = « 1 »
A PORn reset occurs
after the 1.2V, 1.8V
and CLK27M
have been applied
(see AN2347).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com