Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW8009 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STW8009
Description  Mobile video DENC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW8009 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STW8009 Datasheet HTML 21Page - STMicroelectronics STW8009 Datasheet HTML 22Page - STMicroelectronics STW8009 Datasheet HTML 23Page - STMicroelectronics STW8009 Datasheet HTML 24Page - STMicroelectronics STW8009 Datasheet HTML 25Page - STMicroelectronics STW8009 Datasheet HTML 26Page - STMicroelectronics STW8009 Datasheet HTML 27Page - STMicroelectronics STW8009 Datasheet HTML 28Page - STMicroelectronics STW8009 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 66 page
background image
Control registers
STw8009/STw8019
24/65
Chroma_coef_3
R/W
75
xxx
c3(6)
c3(5)
c3(4)
c3(3)
c3(2)
c3(1)
c3(0)
Chroma_coef_4
R/W
76
c4(7)
c4(6)
c4(5)
c4(4)
c4(3)
c4(2)
c4(1)
c4(0)
Chroma_coef_5
R/W
77
c5(7)
c5(6)
c5(5)
c5(4)
c5(3)
c5(2)
c5(1)
c5(0)
Chroma_coef_6
R/W
78
c6(7)
c6(6)
c6(5)
c6(4)
c6(3)
c6(2)
c6(1)
c6(0)
Chroma_coef_7
R/W
79
c7(7)
c7(6)
c7(5)
c7(4)
c7(3)
c7(2)
c7(1)
c7(0)
Chroma_coef_8
R/W
80
c8(7)
c8(6)
c8(5)
c8(4)
c8(3)
c8(2)
c8(1)
c8(0)
configuration9
R/W
81
main_del3
main_del2
main_del1
main_del0
xxx
plg_div_y1
plg_div_y0
flt_ys
luma_coef_0
R/W
82
xxx
xxx
l8(8)
l0(4)
l0(3)
l0(2)
l0(1)
l0(0)
luma_coef_1
R/W
83
l9(9)
l9(8)
l1(5)
l1(4)
l1(3)
l1(2)
l1(1)
l1(0)
luma_coef_2
R/W
84
l6(8)
l2(6)
l2(5)
l2(4)
l2(3)
l2(2)
l2(1)
l2(0)
luma_coef_3
R/W
85
l7(8)
l3(6)
l3(5)
l3(4)
l3(3)
l3(2)
l3(1)
l3(0)
luma_coef_4
R/W
86
l4(7)
l4(6)
l4(5)
l4(4)
l4(3)
l4(2)
l4(1)
l4(0)
luma_coef_5
R/W
87
l5(7)
l5(6)
l5(5)
l5(4)
l5(3)
l5(2)
l5(1)
l5(0)
luma_coef_6
R/W
88
l6(7)
l6(6)
l6(5)
l6(4)
l6(3)
l6(2)
l6(1)
l6(0)
luma_coef_7
R/W
89
l7(7)
l7(6)
l7(5)
l7(4)
l7(3)
l7(2)
l7(1)
l7(0)
luma_coef_8
R/W
90
l8(7)
l8(6)
l8(5)
l8(4)
l8(3)
l8(2)
l8(1)
l8(0)
luma_coef_9
R/W
91
l9(7)
l9(6)
l9(5)
l9(4)
l9(3)
l9(2)
l9(1)
l9(0)
configuration11
R/W
93
[0]
[0]
[1]
[0]
xxx
main_if_del
xxx
xxx
configuration12
R/W
94
[0]
[0]
[0]
[0]
[0]
ennotch
[0]
xxx
configuration13
R/W
95
[0]
[0]
dac12_conf
[0]
[0]
[0]
[0]
[1]
hue_control
R/W
105
hue_cont
(7)
hue_cont
(6)
hue_cont
(5)
hue_cont
(4)
hue_cont
(3)
hue_cont
(2)
hue_cont
(1)
hue_cont(0)
dac1_mult
R/W
106
-
-
dac1_mult5
dac1_mult4
dac1_mult3
dac1_mult2
dac1_mult1
dac1_mult0
Chroma_delay
R/W
108
[0]
[0]
[0]
[0]
main_chr_
del3
main_chr_
del2
main_chr_
del1
main_chr_del
0
Chroma_delay_
en
R/W
109
-
-
-
-
-
[0]
[0]
main_chr_
del_en
Control & power management unit registers
Cpmu_conf0
R/W
128
-
-
-
-
-
-
-
standby
Cpmu_conf1
R/W
129
-
-
-
-
-
-
-
cpmuswrst
dac2ctrl
R/W
130
-
-
-
-
-
poff1
notzero-d1
pedestalOnd
1
dac1ctrl
R/W
131
-
-
-
-
-
poff2
notzerod2
pedestalOnd
2
Plugdet
R
132
-
-
-
-
-
-
-
loadD
I_test0
R/W
133
-
-
-
-
-
-
-
-
Table 3.
Register addresses
Name
Type
N°
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com