Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW8009 Datasheet(PDF) 41 Page - STMicroelectronics

Part # STW8009
Description  Mobile video DENC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW8009 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STW8009 Datasheet HTML 37Page - STMicroelectronics STW8009 Datasheet HTML 38Page - STMicroelectronics STW8009 Datasheet HTML 39Page - STMicroelectronics STW8009 Datasheet HTML 40Page - STMicroelectronics STW8009 Datasheet HTML 41Page - STMicroelectronics STW8009 Datasheet HTML 42Page - STMicroelectronics STW8009 Datasheet HTML 43Page - STMicroelectronics STW8009 Datasheet HTML 44Page - STMicroelectronics STW8009 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 66 page
background image
Control registers
STw8009/STw8019
40/65
main_del[3:0]: delay on chroma path with reference to luma path, on the encoded signal
coming from the main outputs. The delay value varies with modes, delays are hardwired to
have different delays in different modes. If the delays are to be made programmable, set bit
main_del_en to 1 (Reg 03) to enable soft delay from main_del[3:0].
If main_del_en = 0 then the delays used are:
Bit flt_ys enables the software loading capability of luma coefficients. Values from registers
82 to 91 are used only when bit “flt_ys” of this register is set to 1. Bit “flt_ys” has the highest
priority. With this bit set to 1, all bits from plg_div_y[1:0] must be programmed as luma
coefficients. Alternatively, the default values of the coefficients are loaded. The luma
coefficients are mode and standard independent.
flt_ys default value is “0”.
REGISTER 81
Configuration 9
Address:
0x0051
Type: R/W
content
main_de
l3
main_de
l2
main_de
l1
main_de
l0
xxx
plg_div_
y1
plg_div_
y0
flt_ys
default
00
1000
10
Table 16.
main_del[3:0]
main_
del3
main_
del2
main_
del1
main_
del0
Delay on chroma path with reference to luma path
encoding [One pixel corresponds to 2/
fpix_clk]
(*)
0010
- 0.5 pixel delay on chroma
0011
- 1 pixel delay on chroma
0100
- 1.5 pixel delay on chroma
0101
- 2 pixel delay on chroma
1100
+ 2.5 pixel delay on chroma
1101
+ 2 pixel delay on chroma
1110
+ 1.5 pixel delay on chroma
1111
+ 1 pixel delay on chroma
Others
1
0 pixel delay on chroma (reference delay)
Others
0
+ 0.5 pixel delay on chroma
main_del[3:0] = 0010 when mode = PAL/NTSC in 4:2:2 format on CVBS
main_del[3:0] = 0001 when mode = PAL/NTSC in 4:4:4.
plg_div_y = 00 when sum of coefficients = 256
plg_div_y = 01 when sum of coefficients = 512 (default)
plg_div_y = 10 when sum of coefficients = 1024
plg_div_y = 11 when sum of coefficients = 2048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com