Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW8009 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STW8009
Description  Mobile video DENC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW8009 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STW8009 Datasheet HTML 33Page - STMicroelectronics STW8009 Datasheet HTML 34Page - STMicroelectronics STW8009 Datasheet HTML 35Page - STMicroelectronics STW8009 Datasheet HTML 36Page - STMicroelectronics STW8009 Datasheet HTML 37Page - STMicroelectronics STW8009 Datasheet HTML 38Page - STMicroelectronics STW8009 Datasheet HTML 39Page - STMicroelectronics STW8009 Datasheet HTML 40Page - STMicroelectronics STW8009 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 66 page
background image
Control registers
STw8009/STw8019
36/65
c_mult[3:0]: multiplying factor of C digital output (before D/A convertors) and of color part of
CVBS signal.
bcs_en_main: Brightness, Contrast and Saturation control by Registers 69 to 71 on 4:4:4
video input
0 = disable
(*) 1 = enable
To adjust the luminance intensity of the display video image, the following formula is used:
Yout = Yin + b –128
Yin is the 8-bit input luminance
Yout is the result of ‘Brightness’ operation (still on 8 bits)
This value is saturated at 235 (16) or 254 (1) according to register6 bit ‘maxdyn’,
b: brightness (unsigned value with center at 128, default 128)
REGISTER 65
C_mult&ttxs
Address:
0x0041
Type: R/W
content
c_mult3
c_mult2
c_mult1
c_mult0
xxx
bcs_en_
main
default
00
00
[0]
0
[0]
1
Table 14.
c_mult[3:0]: multiplying factor of C digital output
c_mult3
c_mult2
c_mult1
c_mult0
factor value (c_mult)
(*)
0
0
0
0
1.000000 (1.000000 Dec.)
0
0
0
1
1.000001 (1.015625 Dec.)
0
0
1
0
1.000010 (1.031250 Dec.)
0
0
1
1
1.000011 (1.046875 Dec.)
...
...
...
...
...
1
1
1
1
1.001111 (1.234375 Dec.)
REGISTER 69
Brightness
Address:
0x0045
Type: R/W
content
b7
b6
b5
b4
b3
b2
b1
b0
default
10
0000
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com