Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW8009 Datasheet(PDF) 39 Page - STMicroelectronics

Part # STW8009
Description  Mobile video DENC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW8009 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STW8009 Datasheet HTML 35Page - STMicroelectronics STW8009 Datasheet HTML 36Page - STMicroelectronics STW8009 Datasheet HTML 37Page - STMicroelectronics STW8009 Datasheet HTML 38Page - STMicroelectronics STW8009 Datasheet HTML 39Page - STMicroelectronics STW8009 Datasheet HTML 40Page - STMicroelectronics STW8009 Datasheet HTML 41Page - STMicroelectronics STW8009 Datasheet HTML 42Page - STMicroelectronics STW8009 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
Control registers
STw8009/STw8019
38/65
:
Values from these registers are used only when bit main_flt_s (Reg 72) is set to 1. Bit
main_flt_s has the highest priority over the rest. With main_flt_s bit set to 1, all bits from
main_plg_div[1:0] need to be programmed to the chroma coefficients. Alternatively, the
coefficients default values are loaded depending on the selected mode or the selected filter
type in a particular mode with flt(1:0) bits from register 1.
The values are soft loaded when main_flt_s = 1. The value to be loaded in the register
should be the actual coefficient value + an offset. The hardware will internally subtract this
offset to get the actual coefficient value.
main_flt-s default value: 0
The main_plg_div value is chosen according to the sum of all the coefficients.
Offset change before loading to user register:
REGISTERS 72 to 80
Chroma filter coefficients
Address:
0x0048 to 0x0050
Type: R/W
Table 15.
Chroma main_coef_[8:0]
chroma_main_coef_0
reg_
72
main_flt_s
main_plg
_div1
main_plg
_div0
coef0(4) coef0(3) coef0(2) coef0(1) coef0(0)
chroma_main_coef_1
reg_
73
xxx
coef8(8)
coef1(5)
coef1(4) coef1(3) coef1(2) coef1(1) coef1(0)
chroma_main_coef_2
reg_
74
xxx
coef2(6)
coef2(5)
coef2(4) coef2(3) coef2(2) coef2(1) coef2(0)
chroma_main_coef_3
reg_
75
xxx
coef3(6)
coef3(5)
coef3(4) coef3(3) coef3(2) coef3(1) coef3(0)
chroma_main_coef_4
reg_
76
coef4(7)
coef4(6)
coef4(5)
coef4(4) coef4(3) coef4(2) coef4(1) coef4(0)
chroma_main_coef_5
reg_
77
coef5(7)
coef5(6)
coef5(5)
coef5(4) coef5(3) coef5(2) coef5(1) coef5(0)
chroma_main_coef_6
reg_
78
coef6(7)
coef6(6)
coef6(5)
coef6(4) coef6(3) coef6(2) coef6(1) coef6(0)
chroma_main_coef_7
reg_
79
coef7(7)
coef7(6)
coef7(5)
coef7(4) coef7(3) coef7(2) coef7(1) coef7(0)
chroma_main_coef_8
reg_
80
coef8(7)
coef8(6)
coef8(5)
coef8(4) coef8(3) coef8(2) coef8(1) coef8(0)
main_plg_div = 11 when sum of coeffs = 4096
main_plg_div = 10 when sum of coeffs = 2048
main_plg_div = 01 when sum of coeffs = 1024, (default)
main_plg_div = 00 when sum of coeffs = 512
chroma_main_coef0 = Actual value + 16;
chroma_main_coef1 = Actual value + 32;
chroma_main_coef2 = Actual value + 64;
chroma_main_coef3 = Actual value + 32;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com