Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPC4HEBI Datasheet(PDF) 66 Page - STMicroelectronics

Part # STPC4HEBI
Description  X86 Core PC Compatible Information Appliance System-on-Chip
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC4HEBI Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STPC4HEBI Datasheet HTML 62Page - STMicroelectronics STPC4HEBI Datasheet HTML 63Page - STMicroelectronics STPC4HEBI Datasheet HTML 64Page - STMicroelectronics STPC4HEBI Datasheet HTML 65Page - STMicroelectronics STPC4HEBI Datasheet HTML 66Page - STMicroelectronics STPC4HEBI Datasheet HTML 67Page - STMicroelectronics STPC4HEBI Datasheet HTML 68Page - STMicroelectronics STPC4HEBI Datasheet HTML 69Page - STMicroelectronics STPC4HEBI Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 93 page
background image
DESIGN GUIDELINES
66/93
Release 1.5 - January 29, 2002
6.3.3. SDRAM
The STPC provides all the signals for SDRAM
control. Up to 128 MBytes of main memory are
supported. All Banks must be 64 bits wide. Up to 4
memory banks are available when using 16Mbit
devices. Only up to 2 banks can be connected
when using 64Mbit and 128Mbit components due
to the reallocation of CS2# and CS3# signals. This
is described in Table 6-4 and Table 6-5.
Graphics memory resides at the beginning of
Bank 0. Host memory begins at the top of graphics
memory and extends to the top of populated
SDRAM. Bank 0 must always be populated.
Figure 6-4, Figure 6-5 and Figure 6-6 show some
typical implementations.
The purpose of the serial resistors is to reduce
signal
oscillation
and
EMI
by
filtering
line
reflections. The capacitance in Figure 6-4 has a
filtering effect too, while it is used for propagation
delay compensation in the 2 other figures.
Figure 6-4. One Memory Bank with 4 Chips (16-bit)
CS0#
BA[1:0]
MA[12:0]
WE#
RAS0#
DQM[7:0]
MCLKI
MCLKO
DQM[7:6]
Reference Knot
CAS0#
MD[63:48]
DQM[5:4]
MD[47:32]
DQM[3:2]
MD[31:16]
DQM[1:0]
MD[15:0]
MD[63:0]
MCLKA
MCLKB
MCLKC
MCLKD
10pF
Length(MCLKI) = Length(MCLKy) with y = {A,B,C,D}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com