Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPC4HEBI Datasheet(PDF) 9 Page - STMicroelectronics

Part # STPC4HEBI
Description  X86 Core PC Compatible Information Appliance System-on-Chip
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC4HEBI Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STPC4HEBI Datasheet HTML 5Page - STMicroelectronics STPC4HEBI Datasheet HTML 6Page - STMicroelectronics STPC4HEBI Datasheet HTML 7Page - STMicroelectronics STPC4HEBI Datasheet HTML 8Page - STMicroelectronics STPC4HEBI Datasheet HTML 9Page - STMicroelectronics STPC4HEBI Datasheet HTML 10Page - STMicroelectronics STPC4HEBI Datasheet HTML 11Page - STMicroelectronics STPC4HEBI Datasheet HTML 12Page - STMicroelectronics STPC4HEBI Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 93 page
background image
GENERAL DESCRIPTION
Release 1.5 - January 29, 2002
9/93
1.8. CLOCK TREE
The STPC Atlas integrates many features and
generates all its clocks from a single 14MHz
oscillator. This results in multiple clock domains as
described in Figure 1-2.
The speed of the PLLs is either fixed (DEVCLK),
either programmable by strap option (HCLK)
either programmable by software (DCLK, MCLK).
When in synchronized mode, MCLK speed is fixed
to HCLKO speed and HCLKI is generated from
MCLKI.
Figure 1-2. STPC Consumer-II clock architecture
IPC
SDRAM controller
North Bridge
14.31818 MHz
XTALO
XTALI
OSC14M
ISACLK
1/4
DEVCLK
DEVCLK
(24MHz)
PLL
(14MHz)
1/2
HCLK
PLL
PCICLKI
PCICLKO
South Bridge
1/2
1/3
HCLK
DCLK
PLL
MCLK
PLL
DCLK
MCLKI
MCLKO
CRTC,Video,TV
CPU
x1
x2
VCLK
VIP
GE
Local Bus
Host
ISA
HCLKI
HCLKO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com