Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPC4HEBI Datasheet(PDF) 33 Page - STMicroelectronics

Part # STPC4HEBI
Description  X86 Core PC Compatible Information Appliance System-on-Chip
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC4HEBI Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STPC4HEBI Datasheet HTML 29Page - STMicroelectronics STPC4HEBI Datasheet HTML 30Page - STMicroelectronics STPC4HEBI Datasheet HTML 31Page - STMicroelectronics STPC4HEBI Datasheet HTML 32Page - STMicroelectronics STPC4HEBI Datasheet HTML 33Page - STMicroelectronics STPC4HEBI Datasheet HTML 34Page - STMicroelectronics STPC4HEBI Datasheet HTML 35Page - STMicroelectronics STPC4HEBI Datasheet HTML 36Page - STMicroelectronics STPC4HEBI Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 93 page
background image
ELECTRICAL SPECIFICATIONS
Release 1.5 - January 29, 2002
33/93
4. ELECTRICAL SPECIFICATIONS
4.1. INTRODUCTION
The electrical specifications in this chapter are
valid for the STPC Consumer-II.
4.2. ELECTRICAL CONNECTIONS
4.2.1.
POWER/GROUND
CONNECTIONS/
DECOUPLING
Due to the high frequency of operation of the
STPC Consumer-II, it is necessary to install and
test this device using standard high frequency
techniques. The high clock frequencies used in
the STPC Consumer-II and its output buffer
circuits can cause transient power surges when
several
output
buffers
switch
output
levels
simultaneously. These effects can be minimized
by filtering the DC power leads with low-
inductance decoupling capacitors, using
low
impedance wiring, and by utilizing all of the VSS
and VDD pins.
4.2.2. UNUSED INPUT PINS
No unused input pin should be left unconnected
unless they have an integrated pull-up or pull-
down. Connect active-low inputs to VDD through a
20 k
Ω (±10%) pull-up resistor and active-high
inputs to VSS. For bi-directionnal active-high
inputs, connect to VSS through a 20 k
Ω (±10%)
pull-up resistor to prevent spurious operation.
4.2.3. RESERVED DESIGNATED PINS
Pins designated as reserved should be left dis-
connected. Connecting a reserved pin to a pull-up
resistor, pull-down resistor, or an active signal
could cause unexpected results and possible
circuit malfunctions.
4.3. ABSOLUTE MAXIMUM RATINGS
The following table lists the absolute maximum
ratings
for
the
STPC
Consumer-II
device.
Stresses beyond those listed under Table 4-1
limits may cause permanent damage to the
device. These are stress ratings only and do not
imply that operation under any conditions other
than
those
specified
in
section
"Operating
Conditions".
Exposure to conditions beyond those outlined in
Table 4-1 may (1) reduce device reliability and (2)
result in premature failure even when there is no
immediately apparent sign of failure. Prolonged
exposure to conditions at or near the absolute
maximum ratings (Table 4-1) may also result in
reduced useful life and reliability.
4.3.1. 5V TOLERANCE
The STPC is capable of running with I/O systems
that operate at 5 V such as PCI and ISA devices.
Certain pins of the STPC tolerate inputs up to
5.5 V. Above this limit the component is likely to
sustain permanent damage. .
Note 1: The figures specified apply to the Tcase of a
STPC device that is soldered to a board, as detailed in
the Design Guidelines Section, for Commercial and In-
dustrial temperature ranges.
Table 4-1. Absolute Maximum Ratings
Symbol
Parameter
Minimum
Maximum
Units
VDDx
DC Supply Voltage
-0.3
4.0
V
VCORE
DC Supply Voltage for Core
-0.3
2.7
V
VI, VO
Digital Input and Output Voltage
-0.3
VDD + 0.3
V
V5T
5Volt Tolerance
-0.3
5.5
V
VESD
ESD Capacity (Human body mode)
-
2000
°C
TSTG
Storage Temperature
-40
+150
TOPER
Operating Temperature (Note 1)
0
+85
°C
-40
+115
°C
PTOT
Maximum Power Dissipation (package)
-
4.8
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com