Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPC4HEBI Datasheet(PDF) 23 Page - STMicroelectronics

Part # STPC4HEBI
Description  X86 Core PC Compatible Information Appliance System-on-Chip
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC4HEBI Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STPC4HEBI Datasheet HTML 19Page - STMicroelectronics STPC4HEBI Datasheet HTML 20Page - STMicroelectronics STPC4HEBI Datasheet HTML 21Page - STMicroelectronics STPC4HEBI Datasheet HTML 22Page - STMicroelectronics STPC4HEBI Datasheet HTML 23Page - STMicroelectronics STPC4HEBI Datasheet HTML 24Page - STMicroelectronics STPC4HEBI Datasheet HTML 25Page - STMicroelectronics STPC4HEBI Datasheet HTML 26Page - STMicroelectronics STPC4HEBI Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 93 page
background image
PIN DESCRIPTION
Release 1.5 - January 29, 2002
23/93
PCI_GNT#[2:0]
High
ISA BUS INTERFACE
ISAOE#
High
Low
RMRTCCS#
Hi-Z
First prefetch cycles
when in ISA or PCMCIA mode.
Address start is 0xFFFFF0
LA[23:17]
Unknown
0x00
SA[19:0]
0xFFFXX
0xFFF03
SD[15:0]
Unknown
0xFF
BHE#, MEMR#
Unknown
High
MEMW#, SMEMR#, SMEMW#, IOR#, IOW# Unknown
High
REF#
Unknown
High
ALE, AEN
Low
DACK_ENC[2:0]
Input
0x04
TC
Input
Low
GPIOCS#
Hi-Z
High
RTCDS#, RTCRW#, KBCS#
Hi-Z
RTCAS
Unknown
Low
LOCAL BUS INTERFACE
PA[24:0]
Unknown
First prefetch cycles
PD[15:0]
Unknown
0xFF
PRD#
Unknown
High
PBE#[1:0], FCS0#, FCS_0H#
High
FCS_0L#, FCS1#, FCS_1H#, FCS_1L#
High
PWR#, IOCS#[7:0]
High
IDE CONTROLLER
DD[15:0]
0xFF
DA[2:0]
Unknown
Low
PCS1, PCS3, SCS1, SCS3
Unknown
Low
PDACK#, SDACK#
High
PDIOR#, PDIOW#, SDIOR#, SDIOW#
High
VGA CONTROLLER
RED, GREEN, BLUE
Black
VSYNC, HSYNC
Low
COL_SEL
Unknown
TV OUTPUT
RED_TV, GREEN_TV, BLUE_TV
Black
CVBS
Black
VCS
Low
ODD_EVEN
Low
I2C INTERFACE
SCL / DDC[1]
Input
SDA / DDC[0]
Input
JTAG
TDO
High
MISCELLANEOUS
SPKRD
Low
Table 2-6. Signal value on Reset
Signal Name
SYSRSTI# active
SYSRSTI# inactive
SYSRSTO# active
release of SYSRSTO#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com