Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPC4HEBI Datasheet(PDF) 19 Page - STMicroelectronics

Part # STPC4HEBI
Description  X86 Core PC Compatible Information Appliance System-on-Chip
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC4HEBI Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STPC4HEBI Datasheet HTML 15Page - STMicroelectronics STPC4HEBI Datasheet HTML 16Page - STMicroelectronics STPC4HEBI Datasheet HTML 17Page - STMicroelectronics STPC4HEBI Datasheet HTML 18Page - STMicroelectronics STPC4HEBI Datasheet HTML 19Page - STMicroelectronics STPC4HEBI Datasheet HTML 20Page - STMicroelectronics STPC4HEBI Datasheet HTML 21Page - STMicroelectronics STPC4HEBI Datasheet HTML 22Page - STMicroelectronics STPC4HEBI Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 93 page
background image
PIN DESCRIPTION
Release 1.5 - January 29, 2002
19/93
ISACLK and ISACLKX2 as the input selection
strobes.
DACK_ENC[2:0] DMA Acknowledge. These are
the ISA bus DMA acknowledge signals. They are
encoded by the STPC Consumer-II before output
and should be decoded externally using ISACLK
and ISACLKX2 as the control strobes.
TC
ISA Terminal Count. This is the terminal count
output of the DMA controller and is connected to
the TC line of the ISA bus. It is asserted during the
last DMA transfer, when the byte count expires.
RTCAS
Real time clock address strobe. This sig-
nal is asserted for any I/O write to port 70H.
RMRTCCS# ROM/Real Time clock chip select.
This signal is asserted if a ROM access is
decoded during a memory cycle. It should be
combined with MEMR# or MEMW# signals to
properly access the ROM. During a IO cycle, this
signal is asserted if access to the Real Time Clock
(RTC) is decoded. It should be combined with IOR
or IOW# signals to properly access the real time
clock.
KBCS#
Keyboard Chip Select. This signal is
asserted if a keyboard access is decoded during a
I/O cycle.
RTCRW# Real Time Clock RW. This pin is a multi-
function pin. When ISAOE# is active, this signal is
used as RTCRW#. This signal is asserted for any
I/O write to port 71H.
RTCDS# Real Time Clock DS. This pin is a multi-
function pin. When ISAOE# is active, this signal is
used as RTCDS#. This signal is asserted for any I/
O read to port 71H. Its polarity complies with the
DS pin of the MT48T86 RTC device when
configured with Intel timings.
Note:
RMRTCCS#,
KBCS#,
RTCRW#
and
RTCDS# signals must be ORed externally with
ISAOE# and then connected to the external
device. An LS244 or equivalent function can be
used if OE# is connected to ISAOE# and the
output is provided with a weak pull-up resistor as
shown in Figure 6-10.
2.2.5. LOCAL BUS INTERFACE
PA[23:0] Address Bus Output.
PD[15:0] Data Bus. This is the 16-bit data bus.
D[7:0] is the LSB and PD[15:8] is the MSB.
PRD#[1:0] Read Control output. PRD0# is used to
read the LSB and PRD1# to read the MSB.
PWR#[1:0] Write Control output. PWR0# is used
to write the LSB and PWR1# to write the MSB.
PRDY Data Ready input. This signal is used to
create wait states on the bus. When high, it
completes the current cycle.
FCS#[1:0] Flash Chip Select output. These are
the Programmable Chip Select signals for up to
two banks of Flash memory.
IOCS#[3:0] I/O Chip Select output. These are the
Programmable Chip Select signals for up to four
external I/O devices.
2.2.6. IDE INTERFACE
SCS1#, SCS3# Secondary Chip Select. These
signals are used as the active high secondary
master & slave IDE chip select signals. These
signals must be externally ANDed with the
ISAOE# signal before driving the IDE devices to
guarantee it is active only when ISA bus is idle.
DA[2:0] Address. These signals are connected to
DA[2:0] of IDE devices directly or through a buffer.
If the toggling of signals are to be masked during
ISA bus cycles, they can be externally ORed with
ISAOE# before being connected to the IDE
devices.
DD[15:0]
Databus. When the IDE bus is active,
they serve as IDE signals DD[11:0]. IDE devices
are connected to SA[19:8] directly and ISA bus is
connected to these pins through two LS245
transceivers as described in Figure 6-10.
PCS1#, PCS3#
Primary Chip Select. These
signals are used as the active high primary master
& slave IDE chip select signals. These signals
must be externally ANDed with the ISAOE# signal
before driving the IDE devices to guarantee it is
active only when ISA bus is idle.
DIORDY Busy/Ready. This pin serves as IDE
signal DIORDY.
PIRQ Primary Interrupt Request.
SIRQ Secondary Interrupt Request.
Interrupt request from IDE channels.
PDRQ Primary DMA Request.
SDRQ Secondary DMA Request.
DMA request from IDE channels.
PDACK# Primary DMA Acknowledge.
SDACK# Secondary DMA Acknowledge.
DMA acknowledge to IDE channels.
PDIOR#, PDIOW# Primary I/O Read & Write.
SDIOR#, SDIOW# Secondary I/O Read & Write.
Primary & Secondary channel read & write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com