Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPC4HEBI Datasheet(PDF) 26 Page - STMicroelectronics

Part # STPC4HEBI
Description  X86 Core PC Compatible Information Appliance System-on-Chip
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC4HEBI Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STPC4HEBI Datasheet HTML 22Page - STMicroelectronics STPC4HEBI Datasheet HTML 23Page - STMicroelectronics STPC4HEBI Datasheet HTML 24Page - STMicroelectronics STPC4HEBI Datasheet HTML 25Page - STMicroelectronics STPC4HEBI Datasheet HTML 26Page - STMicroelectronics STPC4HEBI Datasheet HTML 27Page - STMicroelectronics STPC4HEBI Datasheet HTML 28Page - STMicroelectronics STPC4HEBI Datasheet HTML 29Page - STMicroelectronics STPC4HEBI Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 93 page
background image
PIN DESCRIPTION
26/93
Release 1.5 - January 29, 2002
Note1; These pins must be
connected to the 2.5 V power
supply. They must not be
connected to the 3.3 V supply.
AC2
TDO
AD12
VDDA_TV
AF8
VDD_DAC1
G24
VDD_CPUCLK_PLL1
AD13
VDD_DCLK_PLL1
F25
VDD_DEVCLK_PLL1
AC17
VDD_MCLKI_PLL1
AC15
VDD_MCLKO_PLL1
F26
VDD_HCLK_PLL1
E25
VDD_SKEW_PLL1
D11
VDD_CORE1
L23
VDD_CORE1
T4
VDD_CORE1
AC6
VDD_CORE1
D6
VDD
D16
VDD
D21
VDD
F4
VDD
F23
VDD
AC11
VDD
AC16
VDD
AC21
VDD
AA4
VDD
AA23
VDD
T23
VDD
L4
VDD
AF13
VSSA_TV
AC9
VSS_DAC1
A1:2
VSS
A26
VSS
B2
VSS
B25:26
VSS
C3
VSS
C24
VSS
D4
VSS
D9
VSS
D14
VSS
D19
VSS
D23
VSS
H4
VSS
J23
VSS
L11:16
VSS
M11:16
VSS
N4
VSS
N11:16
VSS
Pin #
Pin name
P11:16
VSS
P23
VSS
R11:16
VSS
T11:16
VSS
V4
VSS
W23
VSS
AC4
VSS
AC8
VSS
AC13
VSS
AC18
VSS
AC23
VSS
AD3
VSS
AD14
COMPENSATION_VS
AD24
VSS
AE1:2
VSS
AE25
VSS
AF1
VSS
AF25
VSS
AF26
VSS
A16
Unconnected
B9
Unconnected
B11
Unconnected
D18
Unconnected
E26
Unconnected
AD9
Unconnected
AF10
Unconnected
Pin #
Pin name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com