Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPC4HEBI Datasheet(PDF) 67 Page - STMicroelectronics

Part # STPC4HEBI
Description  X86 Core PC Compatible Information Appliance System-on-Chip
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC4HEBI Datasheet(HTML) 67 Page - STMicroelectronics

Back Button STPC4HEBI Datasheet HTML 63Page - STMicroelectronics STPC4HEBI Datasheet HTML 64Page - STMicroelectronics STPC4HEBI Datasheet HTML 65Page - STMicroelectronics STPC4HEBI Datasheet HTML 66Page - STMicroelectronics STPC4HEBI Datasheet HTML 67Page - STMicroelectronics STPC4HEBI Datasheet HTML 68Page - STMicroelectronics STPC4HEBI Datasheet HTML 69Page - STMicroelectronics STPC4HEBI Datasheet HTML 70Page - STMicroelectronics STPC4HEBI Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 93 page
background image
DESIGN GUIDELINES
Release 1.5 - January 29, 2002
67/93
Figure 6-5. One Memory Banks with 8 Chips (8-bit)
Figure 6-6. Two Memory Banks with 8 Chips (8-bit)
CS0#
BA[1:0]
MA[12:0]
WE#
RAS0#
DQM[7:0]
MCLKI
MCLKO
DQM[7]
CAS0#
MD[63:56]
DQM[0]
MD[7:0]
MD[63:0]
A
10pF
Length(MCLKI) = Length(MCLKy) with y = {A,B,C,D,E,F,G,H}
DQM[1]
MD[15:8]
B
C
D
E
F
G
H
CY2305
CS1#
BA[1:0]
MA[12:0]
WE#
RAS0#
DQM[7:0]
MCLKI
MCLKO
DQM[7]
CAS0#
MD[63:56]
DQM[0]
MD[7:0]
MD[63:0]
A1
22pF
Length(MCLKI) = Length(MCLKyx) with
DQM[1]
MD[15:8]
B1
C1
D1
E1
F1
G1
H1
CS0#
A0
B0
C0
D0
E0
F0
G0
H0
x = {0,1}
y = {A,B,C,D,E,F,G,H}
CY2305



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com