Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPC4HEBI Datasheet(PDF) 41 Page - STMicroelectronics

Part # STPC4HEBI
Description  X86 Core PC Compatible Information Appliance System-on-Chip
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC4HEBI Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STPC4HEBI Datasheet HTML 37Page - STMicroelectronics STPC4HEBI Datasheet HTML 38Page - STMicroelectronics STPC4HEBI Datasheet HTML 39Page - STMicroelectronics STPC4HEBI Datasheet HTML 40Page - STMicroelectronics STPC4HEBI Datasheet HTML 41Page - STMicroelectronics STPC4HEBI Datasheet HTML 42Page - STMicroelectronics STPC4HEBI Datasheet HTML 43Page - STMicroelectronics STPC4HEBI Datasheet HTML 44Page - STMicroelectronics STPC4HEBI Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 93 page
background image
ELECTRICAL SPECIFICATIONS
Release 1.5 - January 29, 2002
41/93
4.5.4. PCI INTERFACE
Table 4-11 lists the AC characteristics of the PCI
interface.
Table 4-11. PCI Bus AC Timing
Name
Parameter
Min
Typ
Max
Unit
HCLK to PCICLKO delay (MD[30:27] = 0000)
ns
HCLK to PCICLKI delay
2.9
4.3
5.8
ns
PCICLKO Cycle Time
30
ns
PCICLKO High Time
ns
PCICLKO Low Time
ns
PCICLKI Cycle Time
30
ns
PCICLKI High Time
ns
PCICLKI Low Time
ns
PCICLKI Rising Time
ns
PCICLKI Falling Time
ns
PCICLKI to any output
5.9
-
15.8
ns
PCICLKI to PCI_GNT#[2:0]
6.8
-
16.8
ns
Setup to PCICKLI
2.2
-
-
ns
FRAME# Setup to PCICKLI
2.9
-
-
ns
PCI_REQ#[2:0] Setup to PCICKLI
7.2
-
-
ns
Hold from PCICLKI
4.8
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com