Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPC4HEBI Datasheet(PDF) 73 Page - STMicroelectronics

Part # STPC4HEBI
Description  X86 Core PC Compatible Information Appliance System-on-Chip
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC4HEBI Datasheet(HTML) 73 Page - STMicroelectronics

Back Button STPC4HEBI Datasheet HTML 69Page - STMicroelectronics STPC4HEBI Datasheet HTML 70Page - STMicroelectronics STPC4HEBI Datasheet HTML 71Page - STMicroelectronics STPC4HEBI Datasheet HTML 72Page - STMicroelectronics STPC4HEBI Datasheet HTML 73Page - STMicroelectronics STPC4HEBI Datasheet HTML 74Page - STMicroelectronics STPC4HEBI Datasheet HTML 75Page - STMicroelectronics STPC4HEBI Datasheet HTML 76Page - STMicroelectronics STPC4HEBI Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 93 page
background image
DESIGN GUIDELINES
Release 1.5 - January 29, 2002
73/93
6.3.7. IDE / ISA DYNAMIC DEMULTIPLEXING
Some of the ISA bus signals are dynamically
multiplexed to optimize the pin count. Figure 6-12
describes how to implement the external glue
logic to demultiplex the IDE and ISA interfaces. In
Local Bus mode the two buffers are not needed
and the NAND gates can be simplified to inverters.
6.3.8. BASIC AUDIO USING IDE INTERFACE
When the application requires only basic audio
capabilities, an audio DAC on the IDE interface
can avoid using a PCI-based audio device. This
low cost solution is not CPU consuming thanks to
the DMA controller implemented in the IDE
controller and can generate 16-bit stereo sound.
The clock speed is programmable when using the
speaker output.
Figure 6-12. Typical IDE / ISA Demultiplexing
MASTER#
74xx245
RMRTCCS#
A
B
DIR
OE
ISAOE#
KBCS#
RTCRW#
RTCDS
SA[19:8]
STPC bus / DD[15:0]
LA[24]
LA[25]
LA[22]
LA[23]
SCS1#
SCS3#
PCS1#
PCS3#
Figure 6-13. Basic audio on IDE
74xx74
16
Q
Q
DD[15:0]
D
PR
RST
D[15:0]
CS#
PCS1
WR#
A/B
Audio Out
Right
Left
Stereo DAC
PDRQ
SYSRSTO#
Speaker
PDIOW#
Vcc
Vcc
Vcc
STPC
Q
Q
D
PR
RST
Note * : the inverter can be removed when the DAC CS# is directly connected to GND
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com