Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPC4HEBI Datasheet(PDF) 77 Page - STMicroelectronics

Part # STPC4HEBI
Description  X86 Core PC Compatible Information Appliance System-on-Chip
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC4HEBI Datasheet(HTML) 77 Page - STMicroelectronics

Back Button STPC4HEBI Datasheet HTML 73Page - STMicroelectronics STPC4HEBI Datasheet HTML 74Page - STMicroelectronics STPC4HEBI Datasheet HTML 75Page - STMicroelectronics STPC4HEBI Datasheet HTML 76Page - STMicroelectronics STPC4HEBI Datasheet HTML 77Page - STMicroelectronics STPC4HEBI Datasheet HTML 78Page - STMicroelectronics STPC4HEBI Datasheet HTML 79Page - STMicroelectronics STPC4HEBI Datasheet HTML 80Page - STMicroelectronics STPC4HEBI Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 93 page
background image
DESIGN GUIDELINES
Release 1.5 - January 29, 2002
77/93
6.4. PLACE AND ROUTE
RECOMMENDATIONS
6.4.1. GENERAL RECOMMENDATIONS
Some STPC Interfaces run at high speed and
need to be carefully routed or even shielded like:
1) Memory Interface
2) PCI bus
3) Graphics and video interfaces
4) 14 MHz oscillator stage
All clock signals have to be routed first and
shielded for speeds of 27MHz or higher. The high
speed signals follow the same constraints, as for
the memory and PCI control signals.
The next interfaces to be routed are Memory, PCI,
and Video/graphics.
All the analog noise-sensitive signals have to be
routed in a separate area and hence can be
routed indepedently.
6.4.2. PLL DEFINITION AND IMPLIMENTATION
PLLs are analog cells which supply the internal
STPC Clocks. To get the cleanest clock, the jitter
on the power supply must be reduced as much as
possible. This will result in a more stable system.
Each of the integrated PLL has a dedicated power
pin so a single power plane for all of these PLLs,
or one wire for each, or any solution in between
which help the layout of the board can be used.
Powering
these
pins
with
one
Ferrite
+
capacitances is enough. We recommend at least
2 capacitances: one 'big' (few uF) for power
storage, and one or 2 smalls (100nF + 1nF) for
noise filtering.
Figure 6-17. Shielding signals
ground ring
ground pad
shielded signal line
ground pad
shielded signal lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com