Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPC4HEBI Datasheet(PDF) 15 Page - STMicroelectronics

Part # STPC4HEBI
Description  X86 Core PC Compatible Information Appliance System-on-Chip
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC4HEBI Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STPC4HEBI Datasheet HTML 11Page - STMicroelectronics STPC4HEBI Datasheet HTML 12Page - STMicroelectronics STPC4HEBI Datasheet HTML 13Page - STMicroelectronics STPC4HEBI Datasheet HTML 14Page - STMicroelectronics STPC4HEBI Datasheet HTML 15Page - STMicroelectronics STPC4HEBI Datasheet HTML 16Page - STMicroelectronics STPC4HEBI Datasheet HTML 17Page - STMicroelectronics STPC4HEBI Datasheet HTML 18Page - STMicroelectronics STPC4HEBI Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 93 page
background image
PIN DESCRIPTION
Release 1.5 - January 29, 2002
15/93
Table 2-3. Buffer Type Descriptions
Buffer
Description
ANA
Analog pad buffer
OSCI13B
Oscillator, 13 MHz, HCMOS
BT8TRP_TC
Tri-State output buffer, 8 mA drive capability, Schmitt trigger with slew rate control and P, TC
BD4STRP_FT
LVTTL Bi-Directional, 4 mA drive capability, Schmitt trigger, 5V tolerant
BD4STRUP_FT
LVTTL Bi-Directional, 4 mA drive capability, Schmitt trigger, Pull-Up, 5V tolerant
BD8STRP_FT
LVTTL Bi-Directional, 8 mA drive capability, Schmitt trigger, 5V tolerant
BD8STRUP_FT
LVTTL Bi-Directional, 8 mA drive capability, Schmitt trigger, Pull-Up, 5V tolerant
BD8STRP_TC
LVTTL Bi-Directional, 8 mA drive capability, Schmitt trigger
BD8TRP_TC
LVTTL Bi-Directional, 8 mA drive capability, Schmitt trigger
BD8PCIARP_FT
LVTTL Bi-Directional, 8 mA drive capability, PCI compatible, 5V tolerant
BD16STARUQP_TC
LVTTL Bi-Directional, 16 mA drive capability, Schmitt trigger
SCHMITT_FT
LVTTL Input, Schmitt trigger, 5V tolerant
TLCHT_FT
LVTTL Input, 5V tolerant
TLCHT_TC
LVTTL Input
TLCHTD_TC
LVTTL Input, Pull-Down
VDDCO
Internal supply for core only power pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com