Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32C87 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # 32C87
Description  RENESAS MCU
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C87 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button 32C87 Datasheet HTML 35Page - Renesas Technology Corp 32C87 Datasheet HTML 36Page - Renesas Technology Corp 32C87 Datasheet HTML 37Page - Renesas Technology Corp 32C87 Datasheet HTML 38Page - Renesas Technology Corp 32C87 Datasheet HTML 39Page - Renesas Technology Corp 32C87 Datasheet HTML 40Page - Renesas Technology Corp 32C87 Datasheet HTML 41Page - Renesas Technology Corp 32C87 Datasheet HTML 42Page - Renesas Technology Corp 32C87 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 91 page
background image
M32C/87 Group (M32C/87, M32C/87A, M32C/87B)
4. Special Function Registers (SFRs)
REJ03B0127-0151 Rev.1.51 Jul 31, 2008
Page 39 of 85
Table 4.13
SFR Address Map (13/20)
X: Undefined
Blank spaces are all reserved. No access is allowed.
NOTES:
1.
The BANKSEL bit in the C1CTLR1 register can switch functions for addresses 02A0h to 02BFh.
2.
Values are obtained by setting the SLEEP bit in the C1SLPR register to “1” (sleep mode exited) after reset and supplying a clock to the CAN
module.
3.
The CAN-associated registers (allocated in addresses 01E0h to 02BFh) cannot be used in M32C/87B. In M32C/87A, only CAN0-associated
registers can be used.
4.
Set the PM13 bit in the PM1 register to 1 (2 wait states for SFR area) before accessing the CAN-associated registers.
Address
Register(3)(4)
Symbol
After Reset
02B0h
CAN1 Message Slot 0 Control Register /
CAN1 Local Mask Register A Standard ID0
C1MCTL0 /
C1LMAR0
0000 0000b(1)(2)/
XXX0 0000b(1)(2)
02B1h
CAN1 Message Slot 1 Control Register /
CAN1 Local Mask Register A Standard ID1
C1MCTL1 /
C1LMAR1
0000 0000b(1)(2)/
XX00 0000b(1)(2)
02B2h
CAN1 Message Slot 2 Control Register /
CAN1 Local Mask Register A Extended ID0
C1MCTL2 /
C1LMAR2
0000 0000b(1)(2)/
XXXX 0000b(1)(2)
02B3h
CAN1 Message Slot 3 Control Register /
CAN1 Local Mask Register A Extended ID1
C1MCTL3 /
C1LMAR3
00h(1)(2)/
00h(1)(2)
02B4h
CAN1 Message Slot 4 Control Register /
CAN1 Local Mask Register A Extended ID2
C1MCTL4 /
C1LMAR4
0000 0000b(1)(2)/
XX00 0000b(1)(2)
02B5h
CAN1 Message Slot 5 Control Register
C1MCTL5
00h(1)(2)
02B6h
CAN1 Message Slot 6 Control Register
C1MCTL6
00h(1)(2)
02B7h
CAN1 Message Slot 7 Control Register
C1MCTL7
00h(1)(2)
02B8h
CAN1 Message Slot 8 Control Register /
CAN1 Local Mask Register B Standard ID0
C1MCTL8 /
C1LMBR0
0000 0000b(1)(2)/
XXX0 0000b(1)(2)
02B9h
CAN1 Message Slot 9 Control Register /
CAN1 Local Mask Register B Standard ID1
C1MCTL9 /
C1LMBR1
0000 0000b(1)(2)/
XX00 0000b(1)(2)
02BAh
CAN1 Message Slot 10 Control Register /
CAN1 Local Mask Register B Extended ID0
C1MCTL10 /
C1LMBR2
0000 0000b(1)(2)/
XXXX 0000b(1)(2)
02BBh
CAN1 Message Slot 11 Control Register /
CAN1 Local Mask Register B Extended ID1
C1MCTL11 /
C1LMBR3
00h(1)(2)/
00h(1)(2)
02BCh
CAN1 Message Slot 12 Control Register /
CAN1 Local Mask Register B Extended ID2
C1MCTL12 /
C1LMBR4
0000 0000b(1)(2)/
XX00 0000b(1)(2)
02BDh
CAN1 Message Slot 13 Control Register
C1MCTL13
00h(1)(2)
02BEh
CAN1 Message Slot 14 Control Register
C1MCTL14
00h(1)(2)
02BFh
CAN1 Message Slot 15 Control Register
C1MCTL15
00h(1)(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com