Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32C87 Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # 32C87
Description  RENESAS MCU
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C87 Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button 32C87 Datasheet HTML 65Page - Renesas Technology Corp 32C87 Datasheet HTML 66Page - Renesas Technology Corp 32C87 Datasheet HTML 67Page - Renesas Technology Corp 32C87 Datasheet HTML 68Page - Renesas Technology Corp 32C87 Datasheet HTML 69Page - Renesas Technology Corp 32C87 Datasheet HTML 70Page - Renesas Technology Corp 32C87 Datasheet HTML 71Page - Renesas Technology Corp 32C87 Datasheet HTML 72Page - Renesas Technology Corp 32C87 Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 91 page
background image
M32C/87 Group (M32C/87, M32C/87A, M32C/87B)
5. Electrical Characteristics
REJ03B0127-0151 Rev.1.51 Jul 31, 2008
Page 69 of 85
Table 5.31
Electrical Characteristics (1/3)
(VCC1 = VCC2 = 3.0 to 3.6 V, VSS = 0 V, Topr = -20 to 85
°C, f(CPU) = 24 MHz unless otherwise
specified)
NOTE:
1. P11 to P15 are provided in the 144-pin package only.
Symbol
Parameter
Measurement
Condition
Standard
Unit
Min.
Typ. Max.
VOH
Output
high “H”
voltage
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P11_0 to P11_4, P12_0 to P12_7,
P13_0 to P13_7(1)
IOH = -1 mA VCC2 - 0.6
VCC2
V
P6_0 to P6_7, P7_2 to P7_7, P8_0 to P8_4,
P8_6, P8_7, P9_0 to P9_7,P10_0 to P10_7,
P14_0 to P14_6, P15_0 to P15_7(1)
VCC1 - 0.6
VCC1
XOUT
IOH = -0.1 mA
2.7
VCC1
V
XCOUT
Drive capability
= high
No load
applied
2.5
V
Drive capability
= low
No load
applied
1.6
V
VOL
Output low
“L” voltage
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_4,
P8_6, P8_7, P9_0 to P9_7,P10_0 to P10_7,
P11_0 to P11_4, P12_0 to P12_7,
P13_0 to P13_7, P14_0 to P14_6,
P15_0 to P15_7(1)
IOL = 1 mA
0.5
V
XOUT
IOL = 0.1 mA
0.5
V
XCOUT
Drive capability
= high
No load
applied
0V
Drive capability
= low
No load
applied
0V
VT+ - VT- Hysteresis HOLD, RDY, TA0IN to TA4IN,
TB0IN to TB5IN, INT0 to INT8, ADTRG,
CTS0 to CTS6, CLK0 to CLK6,
TA0OUT to TA4OUT, NMI, KI0 to KI3,
RXD0 to RXD6, SCL0 to SCL4,
SDA0 to SDA4, INPC1_0 to INPC1_7,
ISCLK0 to ISCLK2, ISRXD0 to ISRXD2,
IEIN, CAN0IN, CAN1IN, CAN1WU
0.2
1.0
V
RESET
0.2
1.8
V
VCC1 = VCC2 = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com