Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32C87 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # 32C87
Description  RENESAS MCU
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C87 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button 32C87 Datasheet HTML 82Page - Renesas Technology Corp 32C87 Datasheet HTML 83Page - Renesas Technology Corp 32C87 Datasheet HTML 84Page - Renesas Technology Corp 32C87 Datasheet HTML 85Page - Renesas Technology Corp 32C87 Datasheet HTML 86Page - Renesas Technology Corp 32C87 Datasheet HTML 87Page - Renesas Technology Corp 32C87 Datasheet HTML 88Page - Renesas Technology Corp 32C87 Datasheet HTML 89Page - Renesas Technology Corp 32C87 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 91 page
background image
A - 1
REVISION HISTORY
M32C/87 Group Datasheet
Rev.
Date
Description
Page
Summary
0.50
Dec.16, 04
−
New Document
1.00
Jul.14, 05
−
−
−
M32C/87A and M32C/87B
added
Package code changed: 144P6Q-A to PLQP0144KA-A, 100P6Q-A to
PLQP0100KB-A, 100P6S-A to PRQP0100JB-A
“Low Voltage Detection Reset” changed to “Brown-out Detection Reset”
2
3
4
7
8
11
12
13
17
Overview
• Table 1.2 M32C/87 Group Performance (144-Pin Package) M32C/87A
and M32C/87B performance added to the CAN module performance;
Power Consumption performance released
• Table 1.2 M32C/87 Group Performance (100-Pin Package) M32C/87A
and M32C/87B performance added to the CAN module performance;
Power Consumption performance released
• Figure 1.1 M32C/87 Group Block Diagram Note 4 deleted; note 5 added
• Figure 1.3 Pin Assignment for 144-Pin Package Note 15 added
• Table 1.4 Pin Characteristics for 144-Pin Package Note 1 added
• Figure 1.4 Pin Assignment for 100-Pin Package Note 19 added
• Figure 1.5 Pin Assignment for 100-Pin Package Note 15 added
• Table 1.5 Pin Characteristics for 100-Pin Package Note 1 added
• Table 1.6 Pin Description Note 2 added
22
Memory
• Figure 3.1 Memory Map Note 3 changed
26
26
27 to 30
27
27
29
32 to 37
40
41
42
42
43
44
45
Special Function Register (SFR)
• The RLVL register Value after reset modified
• The IIO0IR to IIO11IR registers Value after reset modified
• Name of the registers assosiated to Intelligent I/O changed
• The G0RB register Value after reset modified
• The G1BCR0 and G1BCR1 registers Value after reset modified
• The G0CR register Value after reset modified
• Note added to the CAN-associated registers
• The TCSPR register Value after reset modified; note 1 added
• The AD00 register Value after reset modified
• The PSC register Value after reset modified
• The PS2 register Value after reset modified
• The PCR register Value after reset modified
• The PSD1 register Value after reset modified
• The PCR register Value after reset modified
48
49
50
52
54
Electrical Characteristics
• Table 5.2 Electrical Characteristics
Parameter f(BCLK) and its values
added; min. and max. values for f(RING) added
• Table 5.3 Electrical Characteristics
VOH values modified; RPULLUP value
modified
• Table 5.3 Electrical Characteristics (Continued)
Measurement
Condition and standard values for ICC added and some released
• Table 5.6 Flash Memory Version Electrical Characteristics
Word
Program Time and Lock bit Program Time values modified; parameter All-
Unlocked-Block-Erase Time deleted; note 1 deleted
• Table 5.10 Memory Expansion Mode and Microprocessor Mode
tac1(RD-DB)
expression on note 1 modified; tac2(RD-DB) expression on
note 1 added



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com