Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32C87 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # 32C87
Description  RENESAS MCU
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C87 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button 32C87 Datasheet HTML 27Page - Renesas Technology Corp 32C87 Datasheet HTML 28Page - Renesas Technology Corp 32C87 Datasheet HTML 29Page - Renesas Technology Corp 32C87 Datasheet HTML 30Page - Renesas Technology Corp 32C87 Datasheet HTML 31Page - Renesas Technology Corp 32C87 Datasheet HTML 32Page - Renesas Technology Corp 32C87 Datasheet HTML 33Page - Renesas Technology Corp 32C87 Datasheet HTML 34Page - Renesas Technology Corp 32C87 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 91 page
background image
M32C/87 Group (M32C/87, M32C/87A, M32C/87B)
4. Special Function Registers (SFRs)
REJ03B0127-0151 Rev.1.51 Jul 31, 2008
Page 31 of 85
Table 4.5
SFR Address Map (5/20)
X: Undefined
Blank spaces are all reserved. No access is allowed.
Address
Register
Symbol
After Reset
00E0h
00E1h
00E2h
00E3h
00E4h
00E5h
00E6h
00E7h
00E8h
Group 0 SI/O Receive Buffer Register
G0RB
XXXX XXXXb
00E9h
XXX0 XXXXb
00EAh
Group 0 Transmit Buffer/Receive Data Register
G0TB/G0DR
XXh
00EBh
00ECh
Group 0 Receive Input Register
G0RI
XXh
00EDh
Group 0 SI/O Communication Mode Register
G0MR
00h
00EEh
Group 0 Transmit Output Register
G0TO
XXh
00EFh
Group 0 SI/O Communication Control Register
G0CR
0000 X011b
00F0h
Group 0 Data Compare Register 0
G0CMP0
XXh
00F1h
Group 0 Data Compare Register 1
G0CMP1
XXh
00F2h
Group 0 Data Compare Register 2
G0CMP2
XXh
00F3h
Group 0 Data Compare Register 3
G0CMP3
XXh
00F4h
Group 0 Data Mask Register 0
G0MSK0
XXh
00F5h
Group 0 Data Mask Register 1
G0MSK1
XXh
00F6h
Communication Clock Select Register
CCS
XXXX 0000b
00F7h
00F8h
Group 0 Receive CRC Code Register
G0RCRC
XXXXh
00F9h
00FAh
Group 0 Transmit CRC Code Register
G0TCRC
0000h
00FBh
00FCh
Group 0 SI/O Expansion Mode Register
G0EMR
00h
00FDh
Group 0 SI/O Extended Receive Control Register
G0ERC
00h
00FEh
Group 0 SI/O Special Communication Interrupt Detection Register
G0IRF
0000 XXXXb
00FFh
Group 0 SI/O Extended Transmit Control Register
G0ETC
0000 0XXXb
0100h
Group 1 Time Measurement/Waveform Generation Register 0
G1TM0/G1PO0
XXXXh
0101h
0102h
Group 1 Time Measurement/Waveform Generation Register 1
G1TM1/G1PO1
XXXXh
0103h
0104h
Group 1 Time Measurement/Waveform Generation Register 2
G1TM2/G1PO2
XXXXh
0105h
0106h
Group 1 Time Measurement/Waveform Generation Register 3
G1TM3/G1PO3
XXXXh
0107h
0108h
Group 1 Time Measurement/Waveform Generation Register 4
G1TM4/G1PO4
XXXXh
0109h
010Ah
Group 1 Time Measurement/Waveform Generation Register 5
G1TM5/G1PO5
XXXXh
010Bh
010Ch
Group 1 Time Measurement/Waveform Generation Register 6
G1TM6/G1PO6
XXXXh
010Dh
010Eh
Group 1 Time Measurement/Waveform Generation Register 7
G1TM7/G1PO7
XXXXh
010Fh
0110h
Group 1 Waveform Generation Control Register 0
G1POCR0
0000 X000b
0111h
Group 1 Waveform Generation Control Register 1
G1POCR1
0X00 X000b
0112h
Group 1 Waveform Generation Control Register 2
G1POCR2
0X00 X000b
0113h
Group 1 Waveform Generation Control Register 3
G1POCR3
0X00 X000b
0114h
Group 1 Waveform Generation Control Register 4
G1POCR4
0X00 X000b
0115h
Group 1 Waveform Generation Control Register 5
G1POCR5
0X00 X000b
0116h
Group 1 Waveform Generation Control Register 6
G1POCR6
0X00 X000b
0117h
Group 1 Waveform Generation Control Register 7
G1POCR7
0X00 X000b
0118h
Group 1 Time Measurement Control Register 0
G1TMCR0
00h
0119h
Group 1 Time Measurement Control Register 1
G1TMCR1
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com