Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32C87 Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # 32C87
Description  RENESAS MCU
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C87 Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button 32C87 Datasheet HTML 79Page - Renesas Technology Corp 32C87 Datasheet HTML 80Page - Renesas Technology Corp 32C87 Datasheet HTML 81Page - Renesas Technology Corp 32C87 Datasheet HTML 82Page - Renesas Technology Corp 32C87 Datasheet HTML 83Page - Renesas Technology Corp 32C87 Datasheet HTML 84Page - Renesas Technology Corp 32C87 Datasheet HTML 85Page - Renesas Technology Corp 32C87 Datasheet HTML 86Page - Renesas Technology Corp 32C87 Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 91 page
background image
M32C/87 Group (M32C/87, M32C/87A, M32C/87B)
5. Electrical Characteristics
REJ03B0127-0151 Rev.1.51 Jul 31, 2008
Page 83 of 85
Figure 5.10
VCC1 = VCC2 = 3.3 V Timing Diagram (4/4)
BCLK
CSi
ADi
BHE
RD
ALE
td(BCLK-ALE)
18ns.max
th(BCLK-ALE)
-2ns.min
td(BCLK-CS)
18ns.max
td(AD-ALE)(1)
th(ALE-AD)(1)
tdz(RD-AD)
8ns.max
tac2(RD-DB)(1)
th(BCLK-CS)
-3ns.min
th(RD-DB) 0ns.min
th(BCLK-AD)
-3ns.min
td(BCLK-AD)
18ns.max
ADi /DBi
td(BCLK-RD)
18ns.max
tac2(AD-DB)(1)
th(BCLK-RD)
-5ns.min
th(RD-AD)(1)
tcyc
Address
NOTES:
1. Varies with operation frequency:
td(AD-ALE) = (tcyc / 2 x n - 20) ns.min (if external bus cycle a
φ + bφ, n = a)
th(ALE-AD) = (tcyc / 2 x n - 20) ns.min (if external bus cycle a
φ + bφ, n = a)
th(RD-AD) = (tcyc / 2 - 10) ns.min, th(RD-CS) = (tcyc / 2 - 10) ns.min
tac2(RD-DB) = (tcyc / 2 x m - 35) ns.max (if external bus cycle a
φ + bφ, m = (b x 2) - 1)
tac2(AD-DB) = (tcyc / 2 x p - 35) ns.max (if external bus cycle a
φ + bφ, p = {(a + b - 1) x 2} + 1)
NOTES:
1. Varies with operation frequency:
td(AD-ALE) = (tcyc / 2 x n - 20) ns.min (if external bus cycle a
φ + bφ, n = a)
th(ALE-AD) = (tcyc / 2 x n - 20) ns.min (if external bus cycle a
φ + bφ, n = a)
th(WR-AD) = (tcyc / 2 - 15) ns.min, th(WR-CS) = (tcyc / 2 - 10) ns.min
th(WR-DB) = (tcyc / 2 - 20) ns.min
td(DB-WR) = (tcyc / 2 x m - 25) ns.min (if external bus cycle a
φ + bφ, m = (b x 2) - 1)
Measurement Conditions:
- VCC1 = VCC2 = 3.0 to 3.6 V
- Input high and low voltage VIH = 1.5 V, VIL = 0.5 V
- Output high and low voltage VOH = 1.5 V, VOL = 1.5 V
Address
VCC1=VCC2=3.3V
Memory Expansion Mode and Microprocessor Mode
(when accessing an external memory space with the multiplexed bus)
Read Timing (2
φ + 2φ Bus Cycle)
tcyc=
109
f(BCLK)
BCLK
CSi
ADi
BHE
WR,WRL,WRH
Write Timing (2
φ + 2φ Bus Cycle)
td(BCLK-ALE)
18ns.max
th(BCLK-ALE)
-2ns.min
td(BCLK-CS)
18ns.max
td(AD-ALE)(2)
th(ALE-AD)(2)
td(DB-WR)(2)
th(WR-CS)(2)
td(BCLK-AD)
18ns.max
td(BCLK-WR)
18ns.max
th(BCLK-WR)
0ns.min
tcyc
Address
Data output
th(WR-DB)(2)
ADi /DBi
ALE
Address
th(BCLK-AD)
-3ns.min
th(BCLK-CS)
-3ns.min
th(RD-CS)(1)
Data input
tsu(DB-BCLK) 30ns.min
th(WR-AD)(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com