Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32C87 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # 32C87
Description  RENESAS MCU
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C87 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button 32C87 Datasheet HTML 18Page - Renesas Technology Corp 32C87 Datasheet HTML 19Page - Renesas Technology Corp 32C87 Datasheet HTML 20Page - Renesas Technology Corp 32C87 Datasheet HTML 21Page - Renesas Technology Corp 32C87 Datasheet HTML 22Page - Renesas Technology Corp 32C87 Datasheet HTML 23Page - Renesas Technology Corp 32C87 Datasheet HTML 24Page - Renesas Technology Corp 32C87 Datasheet HTML 25Page - Renesas Technology Corp 32C87 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 91 page
background image
M32C/87 Group (M32C/87, M32C/87A, M32C/87B)
1. Overview
REJ03B0127-0151 Rev.1.51 Jul 31, 2008
Page 22 of 85
Table 1.18
Pin Functions (100-Pin and 144-Pin Package) (4/4)
I: Input O: Output I/O: Input and output
Table 1.19
Pin Functions (144-Pin Package Only)
I: Input O: Output I/O: Input and output
Type
Symbol
I/O
Type
Supply
Voltage
Description
I/O port
P0_0 to P0_7,
P1_0 to P1_7,
P2_0 to P2_7,
P3_0 to P3_7,
P4_0 to P4_7,
P5_0 to P5_7
I/O
VCC2
8-bit CMOS I/O ports. The Port Pi Direction Register (i = 0 to 15)
determines if each pin is used as an input port or an output port.
The Pull-Up Control Registers determine if the input ports, divided
into groups of four, are pulled up or not.
P6_0 to P6_7,
P7_0 to P7_7,
P9_0 to P9_7,
P10_0 to
P10_7
I/O
VCC1
These 8-bit I/O ports are functionally equivalent to P0.
(P7_0 and P7_1 are N-channel open drain output.)
P8_0 to P8_4
P8_6, P8_7
I/O
VCC1
These I/O ports are functionally equivalent to P0.
Input port
P8_5
I
VCC1
Shares the pin with NMI. Input port to read NMI pin level.
Key input
interrupt input
KI0 to KI3
I
VCC1
Key input interrupt input pins.
Type
Symbol
I/O
Type
Supply
Voltage
Description
INT Interrupt
Input
INT6 to INT8
I
VCC1
INT interrupt input pins.
Serial
interface
CTS6
IVCC1/
VCC2
Input pin to control data transmission.
RTS6
OVCC1/
VCC2
Output pin to control data reception.
CLK6
I/O
VCC1/
VCC2
Serial clock input/output pin.
RXD6
I
VCC1/
VCC2
Serial data input pin.
TXD6
O
VCC1/
VCC2
Serial data output pin.
Intelligent I/O
OUTC2_3 to
OUTC2_7
O
VCC2
Output pins for the waveform generation function.
A/D converter
AN15_0 to
AN15_7
I
VCC1
Analog input pins for the A/D converter.
I/O port
P11_0 to
P11_4,
P12_0 to
P12_7,
P13_0 to
P13_7
I/O
VCC2
These I/O ports are functionally equivalent to P0.
P14_0 to
P14_6,
P15_0 to
P15_7
I/O
VCC1
These I/O ports are functionally equivalent to P0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com