Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32C87 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 32C87
Description  RENESAS MCU
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C87 Datasheet(HTML) 2 Page - Renesas Technology Corp

  32C87 Datasheet HTML 1Page - Renesas Technology Corp 32C87 Datasheet HTML 2Page - Renesas Technology Corp 32C87 Datasheet HTML 3Page - Renesas Technology Corp 32C87 Datasheet HTML 4Page - Renesas Technology Corp 32C87 Datasheet HTML 5Page - Renesas Technology Corp 32C87 Datasheet HTML 6Page - Renesas Technology Corp 32C87 Datasheet HTML 7Page - Renesas Technology Corp 32C87 Datasheet HTML 8Page - Renesas Technology Corp 32C87 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 91 page
background image
M32C/87 Group (M32C/87, M32C/87A, M32C/87B)
1. Overview
REJ03B0127-0151 Rev.1.51 Jul 31, 2008
Page 2 of 85
1.1.2
Specifications
Tables 1.1 to 1.4 list the specifications of the M32C/87 Group (M32C/87, M32C/87A, M32C/87B).
Table 1.1
Specifications (144-Pin Package) (1/2)
Item
Function
Specification
CPU
Central processing
unit
M32C/80 core (multiplier: 16 bits × 16 bits
→ 32 bits
multiply-addition operation instructions: 16 × 16 + 48
→ 48 bits)
• Basic instructions: 108
• Minimum instruction execution time:
31.3 ns (f(CPU) = 32 MHz, VCC1 = 4.2 to 5.5 V)
41.7 ns (f(CPU) = 24 MHz, VCC1 = 3.0 to 5.5 V)
• Operating modes: Single-chip mode, memory expansion mode,
and microprocessor mode
Memory
ROM, RAM, data
flash
See Tables 1.5 to 1.7 Product List.
Power Supply Voltage Detection
Vdet3 detection function, Vdet4 detection function,
cold start/warm start determination function
External Bus
Expansion
Bus/memory
expansion function
• Address space: 16 Mbytes
• External bus interface: 1 to 7 wait states can be inserted,
4 chip select outputs, 3 V and 5 V interfaces
• Bus format: Switchable between separate bus and multiplexed
bus formats, switchable data bus width (8-bit or 16-bit)
Clock
Clock generation
circuits
• 4 circuits:
Main clock, sub clock, on-chip oscillator,
PLL frequency synthesizer
• Oscillation stop detection:
Main clock oscillation stop detection function
• Frequency divider circuit:
Dividing ratio selectable among 1, 2, 3, 4, 6, 8, 10, 12, 14, 16
• Low power consumption features: Wait mode, stop mode
Interrupts
• Interrupt vectors: 70
• External interrupt inputs: 14 (NMI, INT × 9, key input × 4)
• Interrupt priority levels: 7
Watchdog Timer
15-bit × 1 channel (with prescaler)
DMA
DMAC
• 4 channels, cycle steal method
• Trigger sources: 43
• Transfer modes: 2 (single transfer and repeat transfer)
DMACII
• Can be activated by all peripheral function interrupt sources
• Transfer modes: 2 (single transfer and burst transfer)
• Immediate transfer, calculation transfer, and chain transfer
functions
Timer
Timer A
16-bit timer × 5
Timer mode, event counter mode, one-shot timer mode,
pulse width modulation (PWM) mode,
Event counter 2-phase pulse signal processing (2-phase
encoder input) × 3
Timer B
16-bit timer × 6
Timer mode, event counter mode, pulse period measurement
mode, pulse width measurement mode
Timer function for
3-phase motor
control
3-phase inverter control × 1 (using timer A1, timer A2, timer A4,
and timer B2)
On-chip dead time timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com