Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32C87 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # 32C87
Description  RENESAS MCU
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C87 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button 32C87 Datasheet HTML 15Page - Renesas Technology Corp 32C87 Datasheet HTML 16Page - Renesas Technology Corp 32C87 Datasheet HTML 17Page - Renesas Technology Corp 32C87 Datasheet HTML 18Page - Renesas Technology Corp 32C87 Datasheet HTML 19Page - Renesas Technology Corp 32C87 Datasheet HTML 20Page - Renesas Technology Corp 32C87 Datasheet HTML 21Page - Renesas Technology Corp 32C87 Datasheet HTML 22Page - Renesas Technology Corp 32C87 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 91 page
background image
M32C/87 Group (M32C/87, M32C/87A, M32C/87B)
1. Overview
REJ03B0127-0151 Rev.1.51 Jul 31, 2008
Page 19 of 85
1.5
Pin Functions
Table 1.15
Pin Functions (100-Pin and 144-Pin Packages) (1/4)
I: Input
O: Output I/O: Input and output
Type
Symbol
I/O
Type
Supply
Voltage
Description
Power supply
VCC1,VCC2
VSS
−−
Apply 3.0 to 5.5 V to pins VCC1 and VCC2, and 0 V to the VSS pin.
The input condition of VCC1
≥ VCC2 must be met.
Analog power
supply input
AVCC
AVSS
−
VCC1
Power supply input pins to the A/D converter and D/A converter.
Connect the AVCC pin to VCC1, and the AVSS pin to VSS.
Reset input
RESET
I
VCC1
The MCU is placed in the reset state while applying an “L” signal to
the RESET pin.
CNVSS
CNVSS
I
VCC1
This pin switches processor mode. Apply an “L” to the CNVSS pin
to start up in single-chip mode, or an “H” to start up in
microprocessor mode (mask ROM, flash memory version) and boot
mode (flash memory version).
External data
bus width
select input
BYTE
I
VCC1
This pin switches a data bus width in external memory space 3. A
data bus is 16 bits wide when the BYTE pin is held “L” and 8 bits
wide when it is held “H”. Fix to either “L” or “H”.
Apply an “L” to the BYTE pin in single-chip mode.
Bus control
Pins
D0 to D7
I/O
VCC2
Data (D0 to D7) input/output pins while accessing an external
memory space with separate bus.
D8 to D15
I/O
VCC2
Data (D8 to D15) input/output pins while accessing an external
memory space with 16-bit separate bus.
A0 to A22
O
VCC2
Address bits (A0 to A22) output pins.
A23
O
VCC2
Inverted address bit (A23) output pin.
A0/D0 to
A7/D7
I/O
VCC2
Data (D0 to D7) input/output and 8 low-order address bits (A0 to
A7) output are performed by time-sharing these pins while
accessing an external memory space with multiplexed bus.
A8/D8 to
A15/D15
I/O
VCC2
Data (D8 to D15) input/output and 8 middle-order address bits (A8
to A15) output are performed by time-sharing these pins while
accessing an external memory space with 16-bit multiplexed bus.
CS0 to CS3
O
VCC2
Chip-select signal output pins used to specify external devices.
WRL/WR
WRH/BHE
RD
O
VCC2
WRL, WRH, (WR, BHE) and RD signal output pins. WRL and WRH
can be switched with WR and BHE by a program.
•WRL, WRH and RD are selected:
If external data bus is 16 bits wide, data is written to an even
address in external memory space while an “L” is output from the
WRL pin. Data is written to an odd address while an “L” is output
from the WRH pin. Data is read while an “L” is output from the
RD pin.
•WR, BHE and RD are selected:
Data is written while an “L” is output from the WR pin. Data is
read while an “L” is output from the RD pin. Data in odd address
is accessed while an “L” is output from the BHE pin. Select WR,
BHE and RD when an external data bus is 8 bits wide.
ALE
O
VCC2
ALE signal is used for the external devices to latch address signals
when the multiplexed bus is selected.
HOLD
I
VCC2
The MCU is placed in a hold state while an “L” signal is applied to
the HOLD pin.
HLDA
O
VCC2
The HLDA pin outputs an “L” while the MCU is placed in a hold
state.
RDY
I
VCC2
Bus is placed in a wait state while an “L” signal is applied to the
RDY pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com