Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32C87 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 32C87
Description  RENESAS MCU
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C87 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 32C87 Datasheet HTML 17Page - Renesas Technology Corp 32C87 Datasheet HTML 18Page - Renesas Technology Corp 32C87 Datasheet HTML 19Page - Renesas Technology Corp 32C87 Datasheet HTML 20Page - Renesas Technology Corp 32C87 Datasheet HTML 21Page - Renesas Technology Corp 32C87 Datasheet HTML 22Page - Renesas Technology Corp 32C87 Datasheet HTML 23Page - Renesas Technology Corp 32C87 Datasheet HTML 24Page - Renesas Technology Corp 32C87 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 91 page
background image
M32C/87 Group (M32C/87, M32C/87A, M32C/87B)
1. Overview
REJ03B0127-0151 Rev.1.51 Jul 31, 2008
Page 21 of 85
Table 1.17
Pin Functions (100-Pin and 144-Pin Package) (3/4)
I: Input O: Output I/O: Input and output
NOTE:
1. Only VCC1 can be used in the 100-pin package.
Type
Symbol
I/O
Type
Supply
Voltage
Description
Intelligent I/O
INPC1_0 to
INPC1_3
IVCC1/
VCC2(1)
Input pins for the time measurement function.
INPC1_4 to
INPC1_7
I
VCC1
OUTC1_0 to
OUTC1_3
OVCC1/
VCC2(1)
Output pins for the waveform generation function.
(OUTC1_6/OUTC2_0 and OUTC1_7/OUTC2_2 assigned to ports
7_0 and 7_1 are N-channel open drain output.)
OUTC1_4 to
OUTC1_7
O
VCC1
OUTC2_0 to
OUTC2_2
OVCC1/
VCC2(1)
ISCLK0
I/O
VCC1
Clock input/output pins for the intelligent I/O communication
function.
ISCLK1,
ISCLK2
I/O
VCC1/
VCC2(1)
ISRXD0
I
VCC1
Data input pins for the intelligent I/O communication function.
ISRXD1,
ISRXD2
IVCC1/
VCC2(1)
ISTXD0
O
VCC1
Data output pins for the intelligent I/O communication function.
(ISTXD2 assigned to port 7_0 is N-channel open drain output.)
ISTXD1,
ISTXD2
OVCC1/
VCC2(1)
IEIN
I
VCC1/
VCC2(1)
Data input pin for the intelligent I/O communication function.
IEOUT
O
VCC1/
VCC2(1)
Data output pin for the intelligent I/O communication function.
(IEOUT assigned to port 7_0 is N-channel open drain output.)
Reference
voltage input
VREF
I
−
The VREF pin supplies the reference voltage to the A/D converter
and D/A converter.
A/D converter
AN_0 to AN_7
I
VCC1
Analog input pins for the A/D converter.
AN0_0 to
AN0_7,
AN2_0 to
AN2_7
I
VCC2
ADTRG
I
VCC1
External trigger input pin for the A/D converter.
ANEX0
I/O
VCC1
Extended analog input pin for the A/D converter or output pin in
external op-amp connection mode.
ANEX1
I
VCC1
Extended analog input pin for the A/D converter.
D/A converter
DA0, DA1
O
VCC1
Output pins for the D/A converter.
Real-time port RTP0_0 to
RTP0_3
RTP1_0 to
RTP1_3
RTP2_0 to
RTP2_3
RTP3_0 to
RTP3_3
O
VCC1
These pins function as real-time ports.
(RTP0_2 and RTP0_3 are N-channel open drain output.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com