Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32C87 Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # 32C87
Description  RENESAS MCU
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C87 Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button 32C87 Datasheet HTML 67Page - Renesas Technology Corp 32C87 Datasheet HTML 68Page - Renesas Technology Corp 32C87 Datasheet HTML 69Page - Renesas Technology Corp 32C87 Datasheet HTML 70Page - Renesas Technology Corp 32C87 Datasheet HTML 71Page - Renesas Technology Corp 32C87 Datasheet HTML 72Page - Renesas Technology Corp 32C87 Datasheet HTML 73Page - Renesas Technology Corp 32C87 Datasheet HTML 74Page - Renesas Technology Corp 32C87 Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 91 page
background image
M32C/87 Group (M32C/87, M32C/87A, M32C/87B)
5. Electrical Characteristics
REJ03B0127-0151 Rev.1.51 Jul 31, 2008
Page 71 of 85
Table 5.33
Electrical Characteristics (3/3)
(VCC1 = VCC2 = 3.3 V, VSS = 0 V, Topr = 25
°C)
NOTES:
1. In single-chip mode, leave the output pins open and connect the input pins to VSS.
2. Value is obtained when setting the FMSTP bit in the FMR0 register to 1 (flash memory stopped) and running
the program on RAM.
Symbol Parameter
Measurement Condition(1)
Standard
Unit
Min. Typ. Max.
ICC
Power
supply
current
Flash memory
version
f(CPU) = 24 MHz
23
33
mA
f(CPU) = 16 MHz
17
mA
f(CPU) = 8 MHz
11
mA
f(CPU) = f(Ring)
In on-chip oscillator low-power consumption mode
2.6
mA
f(CPU) = 32 kHz
In low-power consumption mode
While flash memory is operating
430
μA
f(CPU) = 32 kHz
In low-power consumption mode
While flash memory is stopped(2)
30
μA
Wait mode: f(CPU) = f(Ring)
After entering wait mode from on-chip oscillator
low-power consumption mode
45
μA
Stop mode (while clock is stopped)
0.8
5
μA
Stop mode (while clock is stopped) Topr = 85
°C50
μA
Mask ROM
version
f(CPU) = 24 MHz
23
33
mA
f(CPU) = 16 MHz
17
mA
f(CPU) = 8 MHz
11
mA
f(CPU) = f(Ring)
In on-chip oscillator low-power consumption mode
1mA
f(CPU) = 32 kHz
In low-power consumption mode
30
μA
Wait mode: f(CPU) = f(Ring)
After entering wait mode from on-chip oscillator
low-power consumption mode
45
μA
Stop mode (while clock is stopped)
0.8
5
μA
Stop mode (while clock is stopped) Topr = 85
°C50
μA
VCC1 = VCC2 = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com